Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV2568EDBLL-10CTLA1 Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS64WV2568EDBLL-10CTLA1
Description  256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV2568EDBLL-10CTLA1 Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS64WV2568EDBLL-10CTLA1 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS64WV2568EDBLL-10CTLA1 Datasheet HTML 14Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
Integrated Silicon Solution, Inc. — www.issi.com
Rev. A
11/08/2011
IS61/64WV2568EDBLL
DATA RETENTION WAVEFORM (CEControlled)
HIGH SPEED
DATA RETENTION SWITCHING CHARACTERISTICS (2.4V-3.6V)
Symbol
Parameter
Test Condition
Options
Min.
Typ.(1)
Max.
Unit
Vdr
VddforDataRetention
SeeDataRetentionWaveform
2.0
3.6
V
idr
DataRetentionCurrent
Vdd=2.0V,CE≥Vdd–0.2V
Com.
0.5
5
mA
Ind.
6
Auto.
15
tsdr
DataRetentionSetupTime SeeDataRetentionWaveform
0
ns
trdr
RecoveryTime
SeeDataRetentionWaveform
trC
ns
Note 1:TypicalvaluesaremeasuredatVdd=Vdr(min),Ta=25OCandnot100%tested.
VDD
CE
≥ VDD - 0.2V
tSDR
tRDR
VDR
CE
GND
Data Retention Mode


Similar Part No. - IS64WV2568EDBLL-10CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV25616BLL-10BA3 ISSI-IS64WV25616BLL-10BA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10BLA3 ISSI-IS64WV25616BLL-10BLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTA3 ISSI-IS64WV25616BLL-10CTA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL-10CTLA3 ISSI-IS64WV25616BLL-10CTLA3 Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS64WV25616BLL/BLS ISSI-IS64WV25616BLL/BLS Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS64WV2568EDBLL-10CTLA1

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV1288EEBLL ISSI-IS61WV1288EEBLL Datasheet
830Kb / 16P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com