Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61DDP2B21M18A Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS61DDP2B21M18A
Description  1Mx18, 512Kx36 18Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61DDP2B21M18A Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS61DDP2B21M18A Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61DDP2B21M18A Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
IS61DDP2B21M18A/A1/A2
IS61DDP2B251236A/A1/A2
Integrated Silicon Solution, Inc.- www.issi.com
Rev. 00A
7/05/2012
5
The data-in provided for writing is initially kept in write buffers. The information on these buffers is written into
the array on the third write cycle. A read cycle to the last two write address produces data from the write buffers.
Similarly, a read address followed by the same write address produces the latest write data. The SRAM maintains data
coherency.
During a write, the byte writes independently control which byte of any of the two burst addresses is written. (See
X18/X36 Write Truth Tables
and Timing Reference Diagram for Truth Table)
Whenever a write is disabled (R/W# is high at the rising edge of K), data is not written into the memory.
RQ Programmable Impedance
An external resistor, RQ, must be connected between the ZQ pin on the SRAM and VSS to enable the SRAM to adjust
its output driver impedance. The value of RQ must be 5x the value of the intended line impedance driven by the
SRAM. For example, an RQ of 250Ω results in a driver impedance of 50Ω. The allowable range of RQ to guarantee
impedance matching is between 175Ω and 350Ω at VDDQ=1.5V. The RQ resistor should be placed less than two inches
away from the ZQ ball on the SRAM module. The capacitance of the loaded ZQ trace must be less than 7.5pF.
The ZQ pin can also be directly connected to VDDQ to obtain a minimum impedance setting. ZQ should not be
connected to VSS.
Programmable Impedance and Power-Up Requirements
Periodic readjustment of the output driver impedance is necessary as the impedance is greatly affected by drifts in
supply voltage and temperature. During power-up, the driver impedance is in the middle of allowable impedances
values. The final impedance value is achieved within 1024clock cycles.
Valid Data Indicator (QVLD)
A data valid pin (QVLD) is available to assist in high-speed data output capture. This output signal is edge-aligned with
the echo clock and is asserted HIGH half a cycle before valid read data is available and asserted LOW half a cycle
before the final valid read data arrives.
Delay Locked Loop (DLL)
Delay Locked Loop (DLL) is a new system to align the output data coincident with clock rising or falling edge to
enhance the output valid timing characteristics. It is locked to the clock frequency and is constantly adjusted to match
the clock frequency. Therefore device can have stable output over the temperature and voltage variation.
DLL has a limitation of locking range and jitter adjustment which are specified as tKHKH and tKCvar respectively in the
AC timing characteristics. In order to turn this feature off, applying logic low to the Doff# pin will bypass this. In the DLL
off mode, the device behaves with one clock cycle latency and a longer access time which is known in DDR-I or legacy
QUAD mode.
The DLL can also be reset without power down by toggling Doff# pin low to high or stopping the input clocks K and K#
for a minimum of 30ns.(K and K# must be stayed either at higher than VIH or lower than VIL level. Remaining Vref is
not permitted.) DLL reset must be issued when power up or when clock frequency changes abruptly. After DLL being
reset, it gets locked after 2048 cycles of stable clock.


Similar Part No. - IS61DDP2B21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDP2B21M36A/A1/A2 ISSI-IS61DDP2B21M36A/A1/A2 Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
More results

Similar Description - IS61DDP2B21M18A

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61DDPB21M18A ISSI-IS61DDPB21M18A Datasheet
527Kb / 31P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB41M18A ISSI-IS61DDPB41M18A Datasheet
574Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B41M18A ISSI-IS61DDP2B41M18A Datasheet
578Kb / 32P
   1Mx18, 512Kx36 18Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDB41M18A ISSI-IS61DDB41M18A Datasheet
488Kb / 30P
   1Mx18, 512Kx36 18Mb DDR-II (Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B22M18A ISSI-IS61DDP2B22M18A Datasheet
534Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP (Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDPB24M18A ISSI-IS61DDPB24M18A Datasheet
527Kb / 31P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61DDP2B42M18A ISSI-IS61DDP2B42M18A Datasheet
578Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDP2B44M18A ISSI-IS61DDP2B44M18A Datasheet
549Kb / 32P
   4Mx18, 2Mx36 72Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
IS61DDPB42M18A ISSI-IS61DDPB42M18A Datasheet
573Kb / 32P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 4) CIO SYNCHRONOUS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com