Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS64WV1288EEBLL-10CTLA3 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS64WV1288EEBLL-10CTLA3
Description  256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS64WV1288EEBLL-10CTLA3 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS64WV1288EEBLL-10CTLA3 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS64WV1288EEBLL-10CTLA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Integrated Silicon Solution, Inc. — www.issi.com7
Rev. 00A
10/10/2012
1
2
3
4
5
6
7
8
9
10
11
12
IS61/64WV1288EEBLL
WRITE CYCLE SWITCHING CHARACTERISTICS(1,3) (OverOperatingRange)
-8
-10
-20
Symbol
Parameter
Min. Max.
Min. Max.
Min.
Max.
Unit
twC
WriteCycleTime
8—
10—
20—
ns
tsCe
CE
toWriteEnd
6.5—
8—
12—
ns
taw
AddressSetupTime
6.5—
8—
12—
ns
toWriteEnd
tha
AddressHoldfromWriteEnd
0—
0—
0—
ns
tsa
AddressSetupTime
0—
0—
0—
ns
tPwe1
WE
PulseWidth
6.5—
8—
12—
ns
tPwe2
WE
PulseWidth(OE=LOW)8.0—
10—
17—
ns
tsd
DataSetuptoWriteEnd
5—
6—
9—
ns
thd
DataHoldfromWriteEnd
0—
0—
0—
ns
thzwe(2)
WE
LOWtoHigh-ZOutput
—3.5
—5
—9
ns
tlzwe(2)
WE
HIGHtoLow-ZOutput
2—
2—
2—
ns
Notes:
1. TestconditionsandoutputloadingconditionsarespecifiedintheACTestConditionsandACTestLoads(Figure1).
2. TestedwiththeloadinFigure2.Transitionismeasured±500mVfromsteady-statevoltage.Not100%tested.
3. TheinternalwritetimeisdefinedbytheoverlapofCELOW,andWELOW.Allsignalsmustbeinvalidstatestoinitiatea
Write,butanyonecangoinactivetoterminatetheWrite.TheDataInputSetupandHoldtimingarereferencedtotherising
or falling edge of the signal that terminates the write. Shaded area product in development


Similar Part No. - IS64WV1288EEBLL-10CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS64WV1288DBLL/DBLS ISSI-IS64WV1288DBLL/DBLS Datasheet
554Kb / 20P
   128K x 8 HIGH-SPEED CMOS STATIC RAM
More results

Similar Description - IS64WV1288EEBLL-10CTLA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV2568EDBLL ISSI-IS61WV2568EDBLL Datasheet
657Kb / 14P
   256K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL ISSI-IS61WV5128EDBLL Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV5128EDBLL-10TLI ISSI-IS61WV5128EDBLL-10TLI Datasheet
446Kb / 14P
   512K x 8 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV6416EEBLL ISSI-IS61WV6416EEBLL Datasheet
943Kb / 15P
   64K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616ALL ISSI-IS61WV25616ALL Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV12816EDBLL ISSI-IS61WV12816EDBLL Datasheet
729Kb / 14P
   128K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61LV2568L ISSI-IS61LV2568L_08 Datasheet
242Kb / 14P
   256K x 8 HIGH-SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com