Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL3406B-1.0V Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL3406B-1.0V
Description  1.5 MHz, 800mA Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3406B-1.0V Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL3406B-1.0V Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3406B-1.0V Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL3406B Rev 1.5
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
10/2009
©2009 Belling All Rights Reserved
5
BL3406B
1.5 MHz, 800mA Synchronous Buck Converter
Typical Performance Characteristics
(Test Figure 1 above unless otherwise specified)
0.1
1
10
100
1000
20
30
40
50
60
70
80
90
Output Current(mA)
Vin=2.7V
Vin=3.6V
Vin=4.2V
VOUT=1.8V
L=2.2uH
Efficiency vs. Output Current
0
200
400
600
800
1000
1200
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
Load Current(mA)
Output Voltage vs. Load Current
VIN=3.6V
TA=25
°C
-50
-25
0
25
50
75
100
125
0.602
0.603
0.604
0.605
0.606
Temperature
C)
VIN=3.6V
Reference Voltage vs. Temperature
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
1.780
1.785
1.790
1.795
1.800
1.805
1.810
1.815
1.820
VIN(V)
ILOAD=10mA
ILOAD=100mA
ILOAD=600mA
Output Voltage vs. Input Voltage
Supply Current vs. Supply Voltage
Start_up from Shutdown
2
3
4
5
6
195
200
205
210
215
220
225
230
235
240
245
Supply Voltage(V)
VOUT=1.8V
ILOAD=0A
TA=25
°C


Similar Part No. - BL3406B-1.0V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
   BL34018
More results

Similar Description - BL3406B-1.0V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com