Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL3406B-1.2V Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL3406B-1.2V
Description  1.5 MHz, 800mA Synchronous Buck Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL3406B-1.2V Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL3406B-1.2V Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL3406B-1.2V Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PPMIC BU
www.belling.com.cn
BL3406B Rev 1.5
Belling Proprietary Information. Unauthorized Photocopy and Duplication Prohibited
10/2009
©2009 Belling All Rights Reserved
4
BL3406B
1.5 MHz, 800mA Synchronous Buck Converter
Electrical Characteristics (Note 5)
(VIN =VRUN= 3.6V, TA = 25°C, unless otherwise noted.)
Parameter
Conditions
MIN
TYP
MAX
Unit
Input Voltage Range
2.5
5.5
V
Input DC Supply Current
Active Mode
Shutdown Mode
VFB=0.5V or VOUT=90%
VFB=0V, VIN=4.2V
180
0.1
300
1.0
µA
µA
TA = +25°C
0.5880
0.6000
0.6120
V
TA= 0°C ≤ TA ≤ 85°C
0.5865
0.6000
0.6135
V
Regulated Feedback
Voltage
TA= -40°C ≤ TA ≤ 85°C
0.5850
0.6000
0.6150
V
VFB Input Bias Current
VFB = 0.65V
±30
nA
Reference Voltage Line
Regulation
VIN = 2.5V to 5.5V
0.04
0.4
%/V
BL3406B-1.2, -40°C ≤ TA ≤ 85°C
1.164
1.200
1.236
V
Regulated Output Voltage
BL3406B-1.8, -40°C ≤ TA ≤ 85°C
1.746
1.800
1.854
V
∆VOVL = VOVL – VFB, Adjustable Version
20
50
80
mV
Output Overvoltage
Lockout
∆VOVL = VOVL – VOUT, Fixed Version
2.5
7.8
13
%
Output Voltage Line
Regulation
VIN = 2.5V to 5.5V
0.04
0.40
%
Output Voltage Load
Regulation
0.5
%
Peak Inductor Current
VIN=3V, VFB=0.5V or VOUT=90%
Duty Cycle <35%
1.2
A
Oscillator Frequency
VFB=0.6V or VOUT=100%
1.2
1.5
1.8
MHz
RDS(ON) of P-CH MOSFET
ISW = 300mA
0.40
0.50
RDS(ON) of N-CH MOSFET
ISW = -300mA
0.35
0.45
SW Leakage Current
VRUN = 0V, VSW= 0V or 5V, VIN = 5V
±0.01
±1
µA
RUN Threshold
-40°C ≤ TA ≤ 85°C
0.3
1.1
1.30
V
RUN Leakage Current
±0.01
±1
µA
Note 5: 100% production test at +25°C. Specifications over the temperature range are guaranteed by design and
characterization.


Similar Part No. - BL3406B-1.2V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL34018 BELLING-BL34018 Datasheet
572Kb / 16P
   BL34018
More results

Similar Description - BL3406B-1.2V

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL9328 BELLING-BL9328 Datasheet
338Kb / 10P
   1.5 MHz, Dual 800mA Synchronous Buck Converter
BL9310 BELLING-BL9310 Datasheet
456Kb / 11P
   1.5 MHz, 1A Synchronous Buck Converter
logo
Aimtron Technology
AT1366B AIMTRON-AT1366B Datasheet
347Kb / 14P
   1MHz,800mA Synchronous Buck Converter
logo
SHANGHAI BELLING CO., L...
BL8022 BELLING-BL8022 Datasheet
502Kb / 7P
   800mA 1.5MHz 7V Synchronous Buck Converter
logo
First Silicon Co., Ltd
FTD1466 FS-FTD1466 Datasheet
671Kb / 7P
   60V 800mA 480KHz synchronous Buck Converter
logo
Monolithic Power System...
EV2105DJ-00A MPS-EV2105DJ-00A Datasheet
161Kb / 4P
   800mA Synchronous Buck Step-Down Converter
logo
First Silicon Co., Ltd
FTD1469 FS-FTD1469 Datasheet
795Kb / 8P
   40V, 800mA, 1.2MHz Synchronous Buck Converter
logo
BCD Semiconductor Manuf...
AP3406A BCDSEMI-AP3406A_11 Datasheet
655Kb / 13P
   1.1MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Linear Technology
LTC3538 LINER-LTC3538_15 Datasheet
216Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
LTC3538 LINER-LTC3538 Datasheet
210Kb / 16P
   800mA Synchronous Buck-Boost DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com