Electronic Components Datasheet Search |
|
IS61DDP2B42M18A Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc |
|
IS61DDP2B42M18A Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc |
3 / 32 page IS61DDP2B42M18A/A1/A2 IS61DDP2B41M36A/A1/A2 Integrated Silicon Solution, Inc.- www.issi.com Rev. 00A 7/05/2012 3 Ball Descriptions Symbol Type Description K, K# Input Input clock: This input clock pair registers address and control inputs on the rising edge of K, and registers data on the rising edge of K and the rising edge of K#. K# is ideally 180 degrees out of phase with K. All synchronous inputs must meet setup and hold times around the clock rising edges. These balls cannot remain VREF level. CQ, CQ# Output Synchronous echo clock outputs: The edges of these outputs are tightly matched to the synchronous data outputs and can be used as a data valid indication. These signals are free running clocks and do not stop when Q tri-states. Doff# Input DLL disable and reset input : When low, this input causes the DLL to be bypassed and reset the previous DLL information. When high, DLL will start operating and lock the frequency after tCK lock time. The device behaves in one read latency mode when the DLL is turned off. In this mode, the device can be operated at a frequency of up to 167 MHz. QVLD Output Valid output indicator: The Q Valid indicates valid output data. QVLD is edge aligned with CQ and CQ#. SA Input Synchronous address inputs: These inputs are registered and must meet the setup and hold times around the rising edge of K. These inputs are ignored when device is deselected. DQ0 - DQn Bidir Data input and output signals. Input data must meet setup and hold times around the rising edges of K and K# during WRITE operations. These pins drive out the requested data when the read operation is active. Valid output data is synchronized to the respective CQ and CQ#. See BALL CONFIGURATION figures for ball site location of individual signals. The x18 device uses DQ0~DQ17. DQ18~DQ35 should be treated as NC pin. The x36 device uses DQ0~DQ35. R/W# Input Synchronous Read or Write input. When LD# is low, this input designates the access type (read when it is High, write when it is Low) for loaded address. R/W# must meet the setup and hold times around edge of K. LD# Input Synchronous load. This input is brought Low when a bus cycle sequence is defined. This definition includes address and read/write direction. BWx# Input Synchronous byte writes: When low, these inputs cause their respective byte to be registered and written during WRITE cycles. These signals are sampled on the same edge as the corresponding data and must meet setup and hold times around the rising edges of K and K# for each of the two rising edges comprising the WRITE cycle. See Write Truth Table for signal to data relationship. VREF Input reference HSTL input reference voltage: Nominally VDDQ/2, but may be adjusted to improve system noise margin. Provides a reference voltage for the HSTL input buffers. VDD Power Power supply: 1.8 V nominal. See DC Characteristics and Operating Conditions for range. VDDQ Power Power supply: Isolated output buffer supply. Nominally 1.5 V. See DC Characteristics and Operating Conditions for range. VSS Ground Ground of the device ZQ Input Output impedance matching input: This input is used to tune the device outputs to the system data bus impedance. Q and CQ output impedance are set to 0.2xRQ, where RQ is a resistor from this ball to ground. This ball can be connected directly to VDDQ, which enables the minimum impedance mode. This ball cannot be connected directly to VSS or left unconnected. In ODT (On Die Termination) enable devices, the ODT termination values tracks the value of RQ. The ODT range is selected by ODT control input. TMS, TDI, TCK Input IEEE1149.1 input pins for JTAG TDO Output IEEE1149.1 output pins for JTAG NC N/A No connect: These signals should be left floating or connected to ground to improve package heat dissipation. ODT Input ODT control; Refer to SRAM features for the details. |
Similar Part No. - IS61DDP2B42M18A |
|
Similar Description - IS61DDP2B42M18A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |