Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8076CB5TR Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL8076CB5TR
Description  2A 3MHz 6V Synchronous Buck Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8076CB5TR Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL8076CB5TR Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8076CB5TR Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.belling.com.cn
3
BL8076
RECOMMENDED WORK CONDITIONS
Parameter
Value
Input Voltage Range
Max. 6V
Operating Junction Temperature(Tj)
-20C –125C
ELECTRICAL CHARACTERISTICS
(VIN=5V, TA=25C)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDD
Input Voltage Range
2.6
6.0
V
UVLO
Input Under Voltage Lockout
Increase Vin
2.1
2.2
V
Vref
Feedback Voltage
Vin=5V, Ven=5V
0.588
0.6
0.612
V
Ifblk
Feedback Leakage current
0.01
0.1
uA
Iq
Quiescent Current
Active, Vfb=0.65V, No Switching
30
uA
Shutdown
0.1
1
uA
LnReg
Line Regulation
Vin=2.7V to 5.5V
0.04
%/V
LdReg
Load Regulation
Iout=0.1 to 2A
0.15
%/A
Fsoc
Switching Frequency
2.4
3
3.6
MHz
RdsonP
PMOS Rdson
Isw=200mA
100
120
mohm
RdsonN
NMOS Rdson
Isw=200mA
80
100
mohm
Ilimit
Peak Current Limit
2.5
3
A
Iswlk
SW Leakage Current
Vout=5.5V, EN=GND
10
uA
Venh, Vmdh
EN/MODE High Threshold
1.5
V
Venl, Vmdl
EN/MODE Low Threshold
0.4
V
Ienlk, Imdlk
EN/MODE Leakage Current
EN=MODE=GND
1
uA
Rdischarge
Discharge Resistance
EN=GND
180
300
450
Ohm
TYPICAL PERFORMANCE CHARACTERISTICS
(Vin=3.6V, L=1uH, Cin=10uF, Cout=10uF, TA=25C, unless otherwise stated)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
0.0
0.5
1.0
1.5
2.0
2.5
Iout(A)
Efficiency at Vout=3.3V
VIN=3.7V
VIN=4.2V
VIN=5.0V
0.00%
10.00%
20.00%
30.00%
40.00%
50.00%
60.00%
70.00%
80.00%
90.00%
100.00%
0.0
0.5
1.0
1.5
2.0
2.5
Iout(A)
Efficiency at Vout=1.8V
VIN=5.0V
VIN=3.0V
VIN=3.6V


Similar Part No. - BL8076CB5TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8076CB5TR BELLING-BL8076CB5TR Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
More results

Similar Description - BL8076CB5TR

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8076 BELLING-BL8076_16 Datasheet
948Kb / 7P
   2A 3MHz 6V Synchronous Buck Converter
logo
ON Semiconductor
NCV6334B ONSEMI-NCV6334B Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6334B ONSEMI-NCP6334B Datasheet
253Kb / 14P
   3MHz, 2A Synchronous Buck Converter
May, 2012 ??Rev. 2
NCP6334B-V3 ONSEMI-NCP6334B-V3 Datasheet
256Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
NCP6324 ONSEMI-NCP6324 Datasheet
269Kb / 14P
   3MHz, 2A Synchronous Buck Converter
October, 2015 ??Rev. 3
NCV6334B ONSEMI-NCV6334B_12 Datasheet
251Kb / 14P
   3MHz, 2A Synchronous Buck Converter
November, 2012 ??Rev. 3
logo
Monolithic Power System...
EV2108DQ-00A MPS-EV2108DQ-00A Datasheet
171Kb / 4P
   2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108 Datasheet
257Kb / 10P
   2A, 6V, 720KHz Synchronous Buck Converter
MP2108 MPS-MP2108_06 Datasheet
304Kb / 12P
   2A, 6V, 740KHz Synchronous Buck Converter
logo
ON Semiconductor
NCP6354 ONSEMI-NCP6354 Datasheet
243Kb / 15P
   3MHz, 2A Fixed-Frequency Synchronous Buck Converter
November, 2012 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com