Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8523 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8523
Description  PWM/PFM Step-down DC-DC Controller
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8523 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8523 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8523 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8523 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8523 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8523 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.belling.com.cn
2
BL8523
PIN DESCRIPTION
BLOCK DIAGRAM
ABSOLUTE MAXIMUM RATING
Supply Voltage
-0.3V to 18V
CE Pin Voltage
–0.3V to Vin+0.3V
EXT Pin Voltage
–0.3V to Vin+0.3V
FB Pin Voltage
–0.3V to 6V
Operating Ambient Temperature Range
–40°C to 85°C
Storage Temperature Range
–65°C to 150°C
Lead Temperature (Soldering, 10 sec)
260°C
Thermal resistance: ΘJA
150°C/W
Pin No.
Symbol
Description
1
CE
Chip Enable Pin (Active with “H”)
2
GND
Ground Pin
3
FB
Pin for Feedback Voltage
4
EXT
Switching Pin
5
VIN
Power Supply Pin


Similar Part No. - BL8523

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8521 BELLING-BL8521 Datasheet
633Kb / 8P
   3A Synchronous Buck Converter
BL8526 BELLING-BL8526 Datasheet
562Kb / 6P
   2A 1.4M 5.5V Synchronous Buck Converter
BL8528 BELLING-BL8528 Datasheet
633Kb / 8P
   The BL8528 is a synchronous
BL8529 BELLING-BL8529 Datasheet
771Kb / 5P
   3A 1.5MHz 5.5V Synchronous Buck Converter
More results

Similar Description - BL8523

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC105 MICROCHIP-TC105 Datasheet
433Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2002
TC105 MICROCHIP-TC105_13 Datasheet
197Kb / 14P
   PFM/PWM Step-Down DC/DC Controller
2001-2012 10/26/12
logo
Unisonic Technologies
UC3750 UTC-UC3750 Datasheet
211Kb / 9P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
UC3750 UTC-UC3750_11 Datasheet
203Kb / 8P
   600kHZ PWM/PFM STEP-DOWN DC-DC CONTROLLER
logo
Anachip Corp
AP1625 ANACHIP-AP1625 Datasheet
159Kb / 5P
   PWM/PFM Dual Mode Step-down DC/DC Controller
logo
ON Semiconductor
NCP1550SN18T1 ONSEMI-NCP1550SN18T1 Datasheet
191Kb / 18P
   600 kHz PWM/PFM Step-Down DC-DC Controller
September, 2004 ??Rev. 6
logo
Unisonic Technologies
M7085 UTC-M7085 Datasheet
130Kb / 8P
   PFM STEP-DOWN DC-DC CONTROLLER
M7085 UTC-M7085_12 Datasheet
231Kb / 7P
   PFM STEP-DOWN DC-DC CONTROLLER
logo
Microchip Technology
TC110 MICROCHIP-TC110 Datasheet
464Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
TC110 MICROCHIP-TC110 Datasheet
465Kb / 16P
   PFM/PWM Step-Up DC/DC Controller
2002
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com