Electronic Components Datasheet Search |
|
Y-CONC-UA42F-CU2L-2000-F Datasheet(PDF) 3 Page - YAMAHA CORPORATION |
|
Y-CONC-UA42F-CU2L-2000-F Datasheet(HTML) 3 Page - YAMAHA CORPORATION |
3 / 42 page SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER 2 Description: IP67 protective transport cap for Y-ConCover-10-* / Y-ConCover-40-* IP67-Transportschutzabdeckung für Y-ConCover-10-* / Y-ConCover-40-* Material: Body PE (Transparent white) Gehäuse Specifications: Operating Temp.: -20°C ~+80°C Betriebstemp. Part Number Colour Low Temperature Type Y-ConCover-10 Blue No Y-ConCover-10-B Black No Y-ConCover-10-LT Blue Yes Y-ConCover-10-B-LT Black Yes Series Design Number No Mark = Blue B = Black No Mark = Std. LT = Low Temp. Y-ConCover - 10 - * - * Part Number (Details) Outline Dimensions Description: IP67/68/69K cover for self assembly with Y-Con plugs and cables, complete with latches, seals and terminator cap IP67/68/69K-Steckergehäuse zur Selbstmontage mit Y-Con Kabelsteckern und Kabeln, komplett mit Rasthaken, Dichtungen und Abschlusskape Material: Body PBT, UL94V-0 Gehäuse Seal FKM (Viton®) or HNBR Dichtung Fixing clips Stainless steel Rasthaken Specifications: Operating Temp.: Std. - 20°C ~ +120°C Betriebstemp. LT - 40°C ~ +120°C Description: Metal cover for retro-fitting to Y-ConCover-10-* offering increased mechanical stability Metallisches Schutzgehäuse zur Nachrüstung auf Y-ConCover-10-*, für erhöhte mechanische Stabilität Material: Body + Buttons Die-cast zinc Gehäuse Screws Stainless Steel Schrauben Specifications: Operating Temp.: -20°C ~ +120°C Betriebstemp. Part No.: Y-ConCover-30 Part No.: Y-ConAS-21 46.0 Accessories Accessories |
Similar Part No. - Y-CONC-UA42F-CU2L-2000-F |
|
Similar Description - Y-CONC-UA42F-CU2L-2000-F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |