Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS61WV25616ALL Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS61WV25616ALL
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS61WV25616ALL Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS61WV25616ALL Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS61WV25616ALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Integrated Silicon Solution, Inc. — www.issi.com
1
Rev. G
07/15/2010
Copyright © 2010 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the product can
reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not authorized for use in such
applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that:
a.) the risk of injury or damage has been minimized;
b.) the user assume all such risks; and
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
IS61WV25616ALL/ALS
IS61WV25616BLL/BLS
IS64WV25616BLL/BLS
FEATURES
HIGH SPEED: (IS61/64WV25616ALL/BLL)
• High-speed access time: 8, 10, 20 ns
• Low Active Power: 85 mW (typical)
• Low Standby Power: 7 mW (typical)
CMOS standby
LOW POWER: (IS61/64WV25616ALS/BLS)
• High-speed access time: 25, 35, 45 ns
• Low Active Power: 35 mW (typical)
• Low Standby Power: 0.6 mW (typical)
CMOS standby
• Single power supply
— VDD 1.65V to 2.2V (IS61WV25616Axx)
— VDD 2.4V to 3.6V (IS61/64WV25616Bxx)
• Fully static operation: no clock or refresh required
• Three state outputs
• Data control for upper and lower bytes
• Industrial and Automotive temperature support
• Lead-free available
256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
DESCRIPTION
The
ISSI IS61WV25616Axx/Bxx and IS64WV25616Bxx
are high-speed, 4,194,304-bit static RAMs organized as
262,144 words by 16 bits. It is fabricated using
ISSI's high-
performance CMOS technology. This highly reliable pro-
cess coupled with innovative circuit design techniques,
yields high-performance and low power consumption de-
vices.
When
CE is HIGH (deselected), the device assumes a
standby mode at which the power dissipation can be
reduced down with CMOS input levels.
Easy memory expansion is provided by using Chip Enable
and Output Enable inputs,
CE and OE. The active LOW
Write Enable (
WE) controls both writing and reading of the
memory. A data byte allows Upper Byte (
UB) and Lower
Byte (
LB) access.
The IS61WV25616Axx/Bxx and IS64WV25616Bxx are
packaged in the JEDEC standard 44-pin TSOP Type II and
48-pin Mini BGA (6mm x 8mm).
FUNCTIONAL BLOCK DIAGRAM
A0-A17
CE
OE
WE
256K x 16
MEMORY ARRAY
DECODER
COLUMN I/O
CONTROL
CIRCUIT
GND
VDD
I/O
DATA
CIRCUIT
I/O0-I/O7
Lower Byte
I/O8-I/O15
Upper Byte
UB
LB
JULY 2010


Similar Part No. - IS61WV25616ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616ALL-20BI ISSI-IS61WV25616ALL-20BI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TI ISSI-IS61WV25616ALL-20TI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
IS61WV25616ALL-20TLI ISSI-IS61WV25616ALL-20TLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
More results

Similar Description - IS61WV25616ALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS61WV25616BLL-10BLI ISSI-IS61WV25616BLL-10BLI Datasheet
212Kb / 21P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM
S61WV25616EDBLL ISSI-S61WV25616EDBLL Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS61WV25616EDBLL-10TLI-TR ISSI-IS61WV25616EDBLL-10TLI-TR Datasheet
751Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH ECC
IS62C25616BL ISSI-IS62C25616BL Datasheet
435Kb / 13P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61C25616AL ISSI-IS61C25616AL Datasheet
258Kb / 17P
   256K x 16 HIGH-SPEED CMOS STATIC RAM
IS61LV25616 ISSI-IS61LV25616 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
61LV25616AL ISSI-61LV25616AL Datasheet
67Kb / 12P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61LV25616 ISSI-IS61LV25616_01 Datasheet
94Kb / 11P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
IS61C25616 ISSI-IS61C25616 Datasheet
366Kb / 10P
   256K X 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 5V SUPPLY
IS64LV25616AL ISSI-IS64LV25616AL Datasheet
125Kb / 14P
   256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com