Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS65C256AL-25TA3 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS65C256AL-25TA3
Description  32K x 8 LOW POWER CMOS STATIC RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS65C256AL-25TA3 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS65C256AL-25TA3 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS65C256AL-25TA3 Datasheet HTML 12Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Integrated Silicon Solution, Inc.
9
Rev. D
05/09/12
IS65C256AL
IS62C256AL
DATA RETENTION SWITCHING CHARACTERISTICS
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VDR
VDD for Data Retention
See Data Retention Waveform
2.0
5.5
V
IDR
Data Retention Current
VDD = 2.0V, CE ≥ VDD – 0.2V
Com.
15
µA
VIN ≥ VDD – 0.2V, or VIN ≤ VSS + 0.2V
Ind.
20
Auto.
50
tSDR
Data Retention Setup Time See Data Retention Waveform
0
ns
tRDR
Recovery Time
See Data Retention Waveform
tRC
ns
Note:
1. Typical Values are measured at VDD = 5V, TA = 25oC and not 100% tested.
DATA RETENTION WAVEFORM (CE
CE
CE
CE
CE Controlled)
VDD
CE1 ≥ VDD - 0.2V
tSDR
tRDR
VDR
CE1
GND
4.5V
2.2V
Data Retention Mode


Similar Part No. - IS65C256AL-25TA3

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS65C256AL-25TA3 ISSI-IS65C256AL-25TA3 Datasheet
92Kb / 12P
   32K x 8 LOW POWER CMOS STATIC RAM
More results

Similar Description - IS65C256AL-25TA3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
65C256 ETC-65C256 Datasheet
74Kb / 11P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15M256B TMT-T15M256B_03 Datasheet
89Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
T15L256A TMT-T15L256A Datasheet
83Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM???
T15V256A TMT-T15V256A Datasheet
80Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM?
T15M256A TMT-T15M256A Datasheet
82Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM????
T15M256B TMT-T15M256B Datasheet
87Kb / 13P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Integrated Silicon Solu...
IS62C256 ISSI-IS62C256 Datasheet
38Kb / 8P
   32K x 8 LOW POWER CMOS STATIC RAM
logo
Taiwan Memory Technolog...
T15V256A TMT-T15V256A_03 Datasheet
77Kb / 11P
   32K X 8 LOW POWER CMOS STATIC RAM
logo
Pyramid Semiconductor C...
P4C1256L PYRAMID-P4C1256L Datasheet
112Kb / 11P
   LOW POWER 32K x 8 STATIC CMOS RAM
logo
Integrated Circuit Solu...
IC62C256 ICSI-IC62C256 Datasheet
123Kb / 10P
   32K X 8 LOW POWER CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com