Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1SS416CT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 1SS416CT
Description  High Speed Switching Application
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SS416CT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  1SS416CT Datasheet HTML 1Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 2Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 3Page - Toshiba Semiconductor 1SS416CT Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1SS416CT
2009-01-08
3
Mounted on a glass epoxy
circuit board of 20 x 20 mm,
pad dimension 4 x 4 mm.
CT - VR
1
10
100
0
5
10
15
20
25
30
Ta=25°C
f=1MHz
REVERSE VOLT AGE VR(V)
CT- VR
REVERSE VOLTAGE VR (V)
IR - VR
0
0
0
1
10
100
1000
010
20
30
1m
100u
10u
1u
100n
10n
1n
Ta=100°C
75°C
50°C
25°C
0°C
−25°C
REVERSE VOLTAGE VR(V)
REVERSE VOLTAGE VR (V)
IR - VR
1m
μ
μ
μ
IF - VF
0.01
0.1
1
10
100
0
0.1
0.2
0.3
0.4
0.5
Ta=100°C
75°C
50°C
25°C
0°C
−25°C
1m
10m
100m
100u
10u
FORWARD VOLTAGE VF(V)
FORWARD VOLTAGE VF (V)
IF - VF
μ
μ


Similar Part No. - 1SS416CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results

Similar Description - 1SS416CT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
1SS392 TOSHIBA-1SS392_07 Datasheet
200Kb / 3P
   High Speed Switching Application
1SS388TPH3F TOSHIBA-1SS388TPH3F Datasheet
228Kb / 3P
   High Speed Switching Application
HN2S03FU TOSHIBA-HN2S03FU Datasheet
186Kb / 3P
   High Speed Switching Application
1SS417 TOSHIBA-1SS417_04 Datasheet
139Kb / 3P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS367 KEXIN-1SS367 Datasheet
32Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
DONGGUAN YOU FENG WEI E...
1SS389 YFWDIODE-1SS389 Datasheet
317Kb / 2P
   HIGH SPEED SWITCHING APPLICATION
logo
SHIKUES Electronics
1SS388 SKTECHNOLGY-1SS388 Datasheet
562Kb / 2P
   High Speed Switching Application
logo
Shanghai Leiditech Elec...
BAS21S LEIDITECH-BAS21S Datasheet
486Kb / 3P
   High speed switching application
logo
Fairchild Semiconductor
KSC2333 FAIRCHILD-KSC2333 Datasheet
56Kb / 5P
   High Speed Switching Application
logo
Guangdong Kexin Industr...
1SS395 KEXIN-1SS395 Datasheet
43Kb / 1P
   HIGH SPEED SWITCHING APPLICATION
logo
Toshiba Semiconductor
1SS416 TOSHIBA-1SS416 Datasheet
133Kb / 3P
   High Speed Switching Application
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com