Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31BL3230 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31BL3230
Description  8 CHANNELS CONSTANT CURRENT LED DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31BL3230 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31BL3230 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31BL3230 Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
IS31BL3230
Integrated Silicon Solution, Inc. – www.issi.com
1
Rev.A, 01/05/2011
8 CHANNELS CONSTANT CURRENT LED DRIVER
WITH PWM BRIGHTNESS CONTROL
February 2012
GENERAL DESCRIPTION
The IS31BL3230 provides eight regulated current
sources, each delivers up to 40mA of load current with
careful selection of external sense resistors, all outputs
at the IS31BL3230 may be connected in parallel to
enable the current through the LED to be as high as
320mA.
The IS31BL3230 does not include a charge pump and
therefore has no noise and significantly improved the
efficiency. The external resistor, RSET1, determines the
constant current output of ports LED1 thru LED4, while
resistor RSET2 determines the constant current output of
ports LED5 thru LED8.
Brightness can be controlled with PWM techniques. The
constant current source is set with two external sense
resistors.
Alternatively, a PWM signal applied to the PWM pin can
vary the perceived brightness of the LED. The device is
in shut down mode when the PWM Input is logic low.
FEATURES
Ultra low headroom voltage
Cost effective LED driver
Current adjustable via external resistors
Best Noise and Efficiency Performance
Highly integrated design, minimal component
1.6μA (typ.) Shutdown current
Small package QFN-16 3mm×3mm
APPLICATIONS
Flash LED driver
Backlight LED driver
TYPICAL APPLICATION CIRCUIT
Cin
1uF
VIN
PWM
GND
LED1
LED2
LED3
LED4
ISET1
RSET2
LED5
LED6
LED7
LED8
ISET2
RSET1
Figure 1
Typical Application Circuit


Similar Part No. - IS31BL3230

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
More results

Similar Description - IS31BL3230

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
logo
ADDtek Corp
A701 ADDTEK-A701 Datasheet
118Kb / 1P
   6 CHANNELS ADJUSTABLE CONSTANT CURRENT LED DRIVER
JUNE 2008
logo
Integrated Silicon Solu...
IS31BL3230-QFLS2-TR ISSI-IS31BL3230-QFLS2-TR Datasheet
270Kb / 12P
   8 CHANNELS CONSTANT CURRENT LED DRIVER WITH PWM BRIGHTNESS CONTROL
logo
List of Unclassifed Man...
MBI5001 ETC-MBI5001 Datasheet
244Kb / 9P
   8 BIT CONSTANT CURRENT LED DRIVER
logo
ON Semiconductor
CAT4008 ONSEMI-CAT4008 Datasheet
160Kb / 13P
   8-Channel Constant Current LED Driver
March, 2010 ??Rev. 2
logo
Comchip Technology
TB62783FNG COMCHIP-TB62783FNG_15 Datasheet
74Kb / 6P
   8-Channel Constant-Current LED Driver
logo
Silan Microelectronics ...
SD16730 SILAN-SD16730 Datasheet
708Kb / 12P
   8-Bit Constant Current LED Driver
logo
Silicon Touch Technolog...
DM11A SITI-DM11A Datasheet
422Kb / 20P
   8-bit Constant Current LED Driver
logo
Holtek Semiconductor In...
HT16D595 HOLTEK-HT16D595 Datasheet
2Mb / 11P
   8-Bit Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com