Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31FL3216 Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS31FL3216
Description  16 CHANNELS LED DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3216 Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3216 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31FL3216 Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
IS31FL3216
Integrated Silicon Solution, Inc. – www.issi.com
9
Rev.A, 12/27/2011
REGISTER DEFINITION
Table 2
Register Function
Address
Name
Function
Table
R/W
Default
00h
Configuration Register
Set the operating mode of IS31FL3216
3
W
1000
0000
01h
LED Control Register
OUT9~OUT16 enable bit
4
W
1111 1111
02h
OUT1~OUT8 enable bit
5
W
03h
Lighting Effect Register
Set the output current and the audio gain
6
W
0000
0000
04h
Channel Configuration
Register
Set the operating mode of
OUT9~OUT16
7
W
05h
GPIO Configuration Register
Set the operating mode of
OUT9~OUT16 as the GPIO port
8
W
06h
Output Port Register
Set the logic level of OUT9~OUT16 as
the output port
9
W
07h
Interrupt Control Register
Set the interrupt function of
OUT9~OUT16
10
W
08h
State Register
Store the state of OUT9~OUT16 as the
input port
11
R
xxxx xxxx
09h
ADC Sample Rate Register
Set the ADC sample rate of the input
signal
12
W
0000
0000
10h~1Fh
PWM Register
Set the PWM duty cycle data
13
W
20h~AFh Frame Register
Store the data of 8 frames
14
W
-
B0h
Update Register
Load PWM Register data
-
W
xxxx xxxx
B6h
Frame Delay Register
Set the delay time between each frame
15
W
0000
0000
B7h
Frame Start Register
Set the start frame in Auto Frame Play
Mode
16
W
Table 3
00h
Configuration Register
Bit
D7
D6:D5
D4
D3:D0
Name
SSD
MODE
AE
-
Default
1
00
0
0000
The Configuration Register sets the operating mode of
IS31FL3216.
SSD
Software Shutdown Enable
0
Software shutdown mode
1
Normal operation
MODE
Operation Mode Selection
00
PWM Control Mode
01
Auto Frame Play Mode
10
Audio Frame Mode
AE
Audio Modulated Enable
0
Output current is set by register
1
Output current is modulated by audio signal
Table 4
01h LED Control Register(OUT9~OUT16)
Bit
D7:D0
Name
OUT16:OUT9
Default
1111 1111
Table 5
02h LED Control Register(OUT1~OUT8)
Bit
D7:D0
Name
OUT8:OUT1
Default
1111 1111
The LED Control Registers store the on or off state of
each channel.
OUTx
LED State
0
LED off
1
LED on


Similar Part No. - IS31FL3216

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3216-QFLS2-EB ISSI-IS31FL3216-QFLS2-EB Datasheet
386Kb / 17P
   16 CHANNELS LED DRIVER
IS31FL3216-QFLS2-TR ISSI-IS31FL3216-QFLS2-TR Datasheet
386Kb / 17P
   16 CHANNELS LED DRIVER
More results

Similar Description - IS31FL3216

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3216-QFLS2-EB ISSI-IS31FL3216-QFLS2-EB Datasheet
386Kb / 17P
   16 CHANNELS LED DRIVER
IS31FL3216-QFLS2-TR ISSI-IS31FL3216-QFLS2-TR Datasheet
386Kb / 17P
   16 CHANNELS LED DRIVER
IS31FL3236 ISSI-IS31FL3236 Datasheet
575Kb / 15P
   36 CHANNELS LED DRIVER
IS31FL3218 ISSI-IS31FL3218 Datasheet
342Kb / 13P
   18 CHANNELS LED DRIVER
logo
Global Mixed-mode Techn...
G5968B GMT-G5968B Datasheet
109Kb / 2P
   8-Channels LED Driver
logo
Integrated Silicon Solu...
IS31FL3235 ISSI-IS31FL3235 Datasheet
353Kb / 13P
   28 CHANNELS LED DRIVER
IS31BL3230 ISSI-IS31BL3230 Datasheet
300Kb / 9P
   8 CHANNELS CONSTANT CURRENT LED DRIVER
logo
List of Unclassifed Man...
OB3362F ETC1-OB3362F Datasheet
371Kb / 13P
   4 Channels High Performance LED Driver
logo
SYNC POWER Crop.
SP1820 SYNC-POWER-SP1820 Datasheet
194Kb / 7P
   Four Channels Constant Current LED Driver
SP1821 SYNC-POWER-SP1821 Datasheet
255Kb / 7P
   Four Channels Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com