Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31FL3730 Datasheet(PDF) 7 Page - Integrated Silicon Solution, Inc

Part # IS31FL3730
Description  AUDIO MODULATED MATRIX LED DRIVER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3730 Datasheet(HTML) 7 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3730 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3730 Datasheet HTML 11Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IS31FL3730
Integrated Silicon Solution, Inc. – www.issi.com
7
Rev.A, 12/19/2011
DETAILED DESCRIPTION
I2C INTERFACE
The IS31FL3730 uses a serial bus, which conforms to
the I2C protocol, to control the chip’s functions with two
wires: SCL and SDA. The IS31FL3730 has a 7-bit slave
address (A7:A1), followed by the R/W bit, A0. Since
IS31FL3730 only supports write operations, A0 must
always be 0. The value of bits A1 and A2 are decided by
the connection of the AD pin.
The complete slave address is:
Table1
Slave Address (Write only):
Bit
A7:A3
A2:A1
A0
Value
11000
AD
0
AD connected to GND, AD=00;
AD connected to VCC, AD=11;
AD connected to SCL, AD=01;
AD connected to SDA, AD=10;
The SCL line is uni-directional. The SDA line is
bi-directional (open-collector) with a pull-up resistor
(typically 4.7kΩ). The maximum clock frequency
specified by the I2C standard is 400kHz. In this
discussion, the master is the microcontroller and the
slave is the IS31FL3730.
The timing diagram for the I2C is shown in Figure 5.
The SDA is latched in on the stable high level of the
SCL. When there is no interface activity, the SDA line
should be held high.
The “START” signal is generated by lowering the SDA
signal while the SCL signal is high. The start signal will
alert all devices attached to the I2C bus to check the
incoming address against their own chip address.
The 8-bit chip address is sent next, most significant bit
first. Each address bit must be stable while the SCL
level is high.
After the last bit of the chip address is sent, the master
checks for the IS31FL3730’s acknowledge. The
master releases the SDA line high (through a pull-up
resistor). Then the master sends an SCL pulse. If the
IS31FL3730 has received the address correctly, then it
holds the SDA line low during the SCL pulse. If the SDA
line is not low, then the master should send a “STOP”
signal (discussed later) and abort the transfer.
Following acknowledge of IS31FL3730, the register
address byte is sent, most significant bit first.
IS31FL3730 must generate another acknowledge
indicating that the register address has been received.
Then 8-bit of data byte are sent next, most significant
bit first. Each data bit should be valid while the SCL
level is stable high. After the data byte is sent, the
IS31FL3730 must generate another acknowledge to
indicate that the data was received.
The “STOP” signal ends the transfer. To signal “STOP”,
the SDA signal goes high while the SCL signal is high.
Address Auto Increment
To write multiple bytes of data into IS31FL3730, load
the address of the data register that the first data byte
is intended for. During the IS31FL3730 acknowledge of
receiving the data byte, the internal address pointer will
increment by one. The next data byte sent to
IS31FL3730 will be placed in the new address, and so
on. The auto increment of the address will continue as
long as data continues to be written to IS31FL3730.
This feature is useful for loading the LED on/off
condition for each of the display matrices as a burst of
data. Pay careful attention when loading data for dual
LED matrix displays since the register addressing is
not continuous.
Figure 5
Interface Timing
DATA LINE STABLE;
DATA VALID
CHANGE OF DATA
ALLOWED
SCL
SDA
Figure 6
Bit Transfer


Similar Part No. - IS31FL3730

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731 ISSI-IS31FL3731 Datasheet
733Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3732 ISSI-IS31FL3732 Datasheet
665Kb / 27P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3733 ISSI-IS31FL3733 Datasheet
1Mb / 30P
   12횞16 DOTS MATRIX LED DRIVER WITH INDIVIDUAL AUTO BREATH FUNCTION
More results

Similar Description - IS31FL3730

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3732 ISSI-IS31FL3732 Datasheet
665Kb / 27P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3728 ISSI-IS31FL3728 Datasheet
380Kb / 12P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731 ISSI-IS31FL3731 Datasheet
733Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Texas Instruments
ONET1131EC TI1-ONET1131EC Datasheet
1Mb / 46P
[Old version datasheet]   Externally Modulated Laser Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
   AUDIO CELLULAR MATRIX
May 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com