Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31FL3731 Datasheet(PDF) 11 Page - Integrated Silicon Solution, Inc

Part # IS31FL3731
Description  AUDIO MODULATED MATRIX LED DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3731 Datasheet(HTML) 11 Page - Integrated Silicon Solution, Inc

Back Button IS31FL3731 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 14Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 15Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
IS31FL3731
Integrated Silicon Solution, Inc. – www.issi.com
11
Rev.B, 09/10/2012
Table 7 Address of Frame Register
LED Location
LED Control Register
Blink Control Register
PWM Register
Matrix A
Matrix B
Matrix A
Matrix B
Matrix A
Matrix B
Matrix A
Matrix B
CA1(C1-1~C1-8)
CB1(C1-9~C1-16)
00h
01h
12h
13h
24h ~ 2Bh
2Ch ~ 33h
CA2(C2-1~C2-8)
CB2(C2-9~C2-16)
02h
03h
14h
15h
34h ~ 3Bh
3Ch ~ 43h
CA3(C3-1~C3-8)
CB3(C3-9~C3-16)
04h
05h
16h
17h
44h ~ 4Bh
4Ch ~ 53h
CA4(C4-1~C4-8)
CB4(C4-9~C4-16)
06h
07h
18h
19h
54h ~ 5Bh
5Ch ~ 63h
CA5(C5-1~C5-8)
CB5(C5-9~C5-16)
08h
09h
1Ah
1Bh
64h ~ 6Bh
6Ch ~ 73h
CA6(C6-1~C6-8)
CB6(C6-9~C6-16)
0Ah
0Bh
1Ch
1Dh
74h ~ 7Bh
7Ch ~ 83h
CA7(C7-1~C7-8)
CB7(C7-9~C7-16)
0Ch
0Dh
1Eh
1Fh
84h ~ 8Bh
8Ch ~ 93h
CA8(C8-1~C8-8)
CB8(C8-9~C8-16)
0Eh
0Fh
20h
21h
94h ~ 9Bh
9Ch ~ A3h
CA9(C9-1~C9-8)
CB9(C9-9~C9-16)
10h
11h
22h
23h
A4h ~ ABh
ACh ~ B3h
Figure 8
LED array


Similar Part No. - IS31FL3731

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
More results

Similar Description - IS31FL3731

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3732 ISSI-IS31FL3732 Datasheet
665Kb / 27P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3728 ISSI-IS31FL3728 Datasheet
380Kb / 12P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3730 ISSI-IS31FL3730 Datasheet
501Kb / 13P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Texas Instruments
ONET1131EC TI1-ONET1131EC Datasheet
1Mb / 46P
[Old version datasheet]   Externally Modulated Laser Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
   AUDIO CELLULAR MATRIX
May 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com