Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31FL3731 Datasheet(PDF) 3 Page - Integrated Silicon Solution, Inc

Part # IS31FL3731
Description  AUDIO MODULATED MATRIX LED DRIVER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31FL3731 Datasheet(HTML) 3 Page - Integrated Silicon Solution, Inc

  IS31FL3731 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31FL3731 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
IS31FL3731
Integrated Silicon Solution, Inc. – www.issi.com
3
Rev.B, 09/10/2012
PIN DESCRIPTION
No.
Pin
Description
1
CA9
LED matrix A current output/input port.
2
VCC
Power supply.
3
SDB
Shutdown the chip when pull to low.
4
INTB
Interrupt output. Active low.
5
GND
Ground.
6
R_EXT
20kΩ resistance to confirm the LED current.
7 ~ 15
CB1 ~ CB9
LED matrix B current output/input port.
16
C_FILT
Capacitor used for audio.
17
IN
Audio input.
18
AD
I2C address setting.
19
SDA
I2C compatible serial data.
20
SCL
I2C compatible serial clock.
21 ~ 28
CA1 ~ CA8
LED matrix A current output/input port.
Thermal Pad
Connect to GND.
Copyright © 2012 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any 
time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are 
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. 
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the 
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not 
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: 
a.) the risk of injury or damage has been minimized; 
b.) the user assume all such risks; and 
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances
 


Similar Part No. - IS31FL3731

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
More results

Similar Description - IS31FL3731

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31FL3731-QFLS2-TR ISSI-IS31FL3731-QFLS2-TR Datasheet
736Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3732 ISSI-IS31FL3732 Datasheet
665Kb / 27P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3731C ISSI-IS31FL3731C Datasheet
706Kb / 22P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3728 ISSI-IS31FL3728 Datasheet
380Kb / 12P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3730 ISSI-IS31FL3730 Datasheet
501Kb / 13P
   AUDIO MODULATED MATRIX LED DRIVER
IS31FL3189 ISSI-IS31FL3189 Datasheet
434Kb / 17P
   AUDIO MODULATED LED DRIVER
logo
Sanyo Semicon Device
LV5230LG SANYO-LV5230LG Datasheet
163Kb / 27P
   Dot-matrix LED Driver
logo
Texas Instruments
ONET1131EC TI1-ONET1131EC Datasheet
1Mb / 46P
[Old version datasheet]   Externally Modulated Laser Driver
logo
STMicroelectronics
STLED524 STMICROELECTRONICS-STLED524 Datasheet
3Mb / 72P
   Intelligent matrix LED display driver
April 2014 Rev 1
TEA6430 STMICROELECTRONICS-TEA6430 Datasheet
105Kb / 10P
   AUDIO CELLULAR MATRIX
May 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com