Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3135 Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS31LT3135
Description  MAIN/SUB DUAL-CHANNEL LED DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3135 Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS31LT3135 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3135 Datasheet HTML 6Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IS31LT3135
Integrated Silicon Solution, Inc. — www.issi.com
Rev.A, 11/08/2011
1
MAIN/SUB DUAL-CHANNEL LED DRIVER
November 2011
GENERAL DESCRIPTION
IS31LT3135 is a main/sub dual-channel LED driver.
When the main channel works,it is a constant current
source driving the main LED and the current is set by
an external resistor connected to the ISET pin. It needs
only 0.1v dropout voltage for 200mA output current.
When the sub-channel works, the chip will pull down
the sub LED’s cathode to ground.
Normally there is only one channel on, the main
channel and the sub channel can switch between each
other. Sweeping power supply from high voltage to low
voltage, main channel switches to sub-channel while
UV pin is below the undervoltage threshold 1.17V
(IS31LT3135-V1 typical) or 1.23V (IS31LT3135-V2
typical). Sweeping power supply from low voltage to
high voltage, the sub-channel switches to the main
channel while UV pin is 80mV (typical) higher than the
undervoltage threshold. Additionally, the main channel
has short protection function, when the main LED is
shorted,the chip will switch to sub-channel
automatically.
FEATURES
Power supply undervoltage detect
Main channel short protection
Over-temperature protection
Input voltage range: 2.7V~5.5V
Main and sub-channel current set by external
resistor
Main channel Vdp=0.1V
Low quiescent current
Assembled in SOP-8 package
APPLICATIONS
Miner lamp
Other LED lighting
TYPICAL APPLICATION CIRCUIT
Figure 1
.
IS31LT3135
Copyright © 2011 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any 
time without notice. ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are 
advised to obtain the latest version of this device specification before relying on any published information and before placing orders for products. 
Integrated Silicon Solution, Inc. does not recommend the use of any of its products in life support applications where the failure or malfunction of the 
product can reasonably be expected to cause failure of the life support system or to significantly affect its safety or effectiveness. Products are not 
authorized for use in such applications unless Integrated Silicon Solution, Inc. receives written assurance to its satisfaction, that: 
a.) the risk of injury or damage has been minimized; 
b.) the user assume all such risks; and 
c.) potential liability of Integrated Silicon Solution, Inc is adequately protected under the circumstances


Similar Part No. - IS31LT3135

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
IS31LT3135V1 ISSI-IS31LT3135V1 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
IS31LT3135V2 ISSI-IS31LT3135V2 Datasheet
506Kb / 4P
   Power supply under?릚oltage detection
More results

Similar Description - IS31LT3135

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
Linear Technology
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
LTC3230 LINER-LTC3230 Datasheet
234Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
logo
ON Semiconductor
LV52207AXA ONSEMI-LV52207AXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
November 2014 - Rev. 1
LV52207NXA ONSEMI-LV52207NXA Datasheet
2Mb / 18P
   Dual channel LED Boost Driver
July, 2014
logo
MagnaChip Semiconductor...
MAP3222 MGCHIP-MAP3222 Datasheet
1Mb / 15P
   Dual Channel High Brightness LED Driver
logo
ON Semiconductor
NUD4301 ONSEMI-NUD4301_07 Datasheet
146Kb / 7P
   Dual Channel LED Driver/Current Source
February, 2007 ??Rev. P4
logo
Lowpower Semiconductor ...
LP3368 POWER-LP3368 Datasheet
1Mb / 8P
   Dual Channel Charge Pump LED Driver
logo
Linear Technology
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com