Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31LT3352 Datasheet(PDF) 5 Page - Integrated Silicon Solution, Inc

Part # IS31LT3352
Description  40V LED DRIVER WITH TEMPERATURE COMPENSATION
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31LT3352 Datasheet(HTML) 5 Page - Integrated Silicon Solution, Inc

  IS31LT3352 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31LT3352 Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
IS31LT3352
Integrated Silicon Solution, Inc. – www.issi.com
Rev. A, 09/01/2011
5
ABSOLUTE MAXIMUM RATINGS (NOTE 1)
Symbol
Parameter
Rating
VIN
Input voltage
-0.3V to +50V
VISENSE
ISENSE voltage
VIN+0.3V to VIN-5V ,VIN>5V
VIN+0.3V to -0.3V,VIN<5V
VLX
LX output voltage
-0.3V to +50V
VADJ ,VADJO,
Rth, RNTC
Pin input voltage
-0.3V to +6V
ILX
Switch output current
800mA
Ptot
Power dissipation
1.2W
TOP
Operating temperature
-40 to 85°C
TST
Storage temperature
-55 to 150°C
Tj MAX
Junction temperature
150°C
RθJA
Junction to ambient
80°C/W
ESD Susceptibility(human body
mode)
2kV
ELECTRICAL CHARACTERISTICS
(VIN=12V, Tamb=25°C unless otherwise stated) (NOTE 2)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VIN
Input voltage
6
40
V
IINQoff
Quiescent supply current with
output off
ADJI pin grounded
40
60
80
μA
IINQon
Quiescent supply current with
output switching
ADJI pin floating
450
600
μA
VISENSE
Mean current sense threshold
voltage
Measured on ISENSE
pin with respect to
VIN ADJI pin
floating
IS31LT3352-V1
91
95
101
mV
IS31LT3352-V2
99
105
110
VSENSEHYS
Sense threshold hysteresis
±15
%
ISENSE
ISENSE pin input current
VSENSE =0.1V
8
10
μA
VREF
Internal reference voltage
Measured on ADJI pin with pin floating
1.2
V
VADJI
External control voltage range
on ADJI pin for dc brightness
control
0.3
1.2
V
VADJIoff
DC voltage on ADJI pin to
switch chip from active (on)
state to quiescent (off) state
VADJI falling
0.15
0.2
0.25
V
VADJIon
DC voltage on ADJI pin to
switch chip from quiescent
(off) state to active (on) state
VADJI rising
0.2
0.25
0.3
V
VOS
RTH and RNTC pin offset
voltage
10
mV


Similar Part No. - IS31LT3352

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
   40V LED DRIVER WITH TEMPERATURE COMPENSATION
More results

Similar Description - IS31LT3352

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZLED7010 ETC2-ZLED7010 Datasheet
1Mb / 24P
   40V LED Driver with Temperature Compensation
logo
Integrated Silicon Solu...
IS31LT3352-V1GRLS2 ISSI-IS31LT3352-V1GRLS2 Datasheet
382Kb / 14P
   40V LED DRIVER WITH TEMPERATURE COMPENSATION
logo
Integrated Device Techn...
ZLED7010 IDT-ZLED7010 Datasheet
900Kb / 22P
   40V LED Driver with Temperature Compensation
logo
Renesas Technology Corp
ZLED7010 RENESAS-ZLED7010 Datasheet
1Mb / 23P
   40V LED Driver with Temperature Compensation
April 20, 2016
logo
List of Unclassifed Man...
ZLED7001 ETC2-ZLED7001 Datasheet
446Kb / 16P
   Universal LED Driver with Temperature Compensation
logo
Renesas Technology Corp
ZLED7001 RENESAS-ZLED7001 Datasheet
482Kb / 15P
   Universal LED Driver with Temperature Compensation
April 20, 2016
logo
Integrated Silicon Solu...
IS31LT3910-GRLS2 ISSI-IS31LT3910-GRLS2 Datasheet
245Kb / 10P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3910-GRLS2-TR ISSI-IS31LT3910-GRLS2-TR Datasheet
245Kb / 10P
   UNIVERSAL HIGH BRIGHTNESS LED DRIVER WITH TEMPERATURE COMPENSATION
IS31LT3350-V1SDLS2-TR ISSI-IS31LT3350-V1SDLS2-TR Datasheet
421Kb / 12P
   40V LED DRIVER WITH INTERNAL SWITCH
IS31LT3354 ISSI-IS31LT3354 Datasheet
301Kb / 12P
   40V LED DRIVER WITH EXTERNAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com