Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVE1M16ALL-70BLI Datasheet(PDF) 2 Page - Integrated Silicon Solution, Inc

Part # IS66WVE1M16ALL-70BLI
Description  1.8V Core Async/Page PSRAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE1M16ALL-70BLI Datasheet(HTML) 2 Page - Integrated Silicon Solution, Inc

  IS66WVE1M16ALL-70BLI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE1M16ALL-70BLI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
IS66WVE1M16ALL
Advanced Information
Rev.00C | November 2010
www.issi.com - SRAM@issi.com
General Description
PSRAM products are high-speed, CMOS pseudo-static random access memory developed
for low-power, portable applications. The 16Mb DRAM core device is organized
as 1 Meg x 16 bits. These devices include the industry-standard, asynchronous memory
interface found on other low-power SRAM or pseudo-SRAM (PSRAM) offerings.
For seamless operation on an asynchronous memory bus, PSRAM products incorporated a
transparent self-refresh mechanism. The hidden refresh requires no additional support
from the system memory controller and has no significant impact on device read/write
performance.
A user-accessible configuration registers (CR) defines how the PSRAM device performs on-
chip refresh and whether page mode read accesses are permitted. This register is
automatically loaded with a default setting during power-up and can be updated at any
time during normal operation.
Special attention has been focused on current consumption during self-refresh. This
product includes two system-accessible mechanisms to minimize refresh current.
Setting sleep enable (ZZ#) to LOW enables one of two low-power modes: partial-array
refresh (PAR) or deep power-down (DPD). PAR limits refresh to only that part of the
DRAM array that contains essential data. DPD halts refresh operation altogether and is
used when no vital information is stored in the device. The system-configurable refresh
mechanisms are accessed through the CR.
[ Functional Block Diagram]
Address
Decode Logic
Configuration Register
(CR)
1024K X 16
DRAM
Memory Array
Input
/Output
Mux
And
Buffers
DQ0~DQ15
A0~A19
Control
Logic
CE#
WE#
OE#
LB#
UB#
ZZ#


Similar Part No. - IS66WVE1M16ALL-70BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
IS66WVE1M16BLL-55BLI ISSI-IS66WVE1M16BLL-55BLI Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16BLL-70BLI ISSI-IS66WVE1M16BLL-70BLI Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE1M16CLL ISSI-IS66WVE1M16CLL Datasheet
664Kb / 32P
   Asynchronous and page mode interface
More results

Similar Description - IS66WVE1M16ALL-70BLI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16DALL ISSI-IS66WVE2M16DALL Datasheet
505Kb / 28P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
STMicroelectronics
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
   32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
   128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
   64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com