Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS66WVE2M16DALL Datasheet(PDF) 10 Page - Integrated Silicon Solution, Inc

Part # IS66WVE2M16DALL
Description  1.8V Core Async/Page PSRAM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS66WVE2M16DALL Datasheet(HTML) 10 Page - Integrated Silicon Solution, Inc

Back Button IS66WVE2M16DALL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 13Page - Integrated Silicon Solution, Inc IS66WVE2M16DALL Datasheet HTML 14Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
IS66WVE2M16DALL
Rev. B | May 2012
www.issi.com - SRAM@issi.com
Low-Power Feature
Standby Mode Operation
During standby, the device current consumption is reduced to the level necessary to
perform the DRAM refresh operation. Standby operation occurs when CE# and ZZ# are HIGH.
The device will enter a reduced power state upon completion of a READ or WRITE
operations when the address and control inputs remain static for an extended period of time.
This mode will continue until a change occurs to the address or control inputs.
Temperature Compensated Refresh
Temperature compensated refresh (TCR) is used to adjust the refresh rate depending on the
device operating temperature. DRAM technology requires more frequent refresh operations to
maintain data integrity as temperatures increase. More frequent refresh is required due to the
increased leakage of the DRAM's capacitive storage elements as temperatures rise. A decreased
refresh rate at lower temperatures will result in a savings in standby current.
TCR allows for adequate refresh at four different temperature thresholds: +15°C, +45°C, +70°C,
and +85°C. The setting selected must be for a temperature higher than the case temperature
of the device. If the case temperature is +50°C, the system can minimize self refresh current
consumption by selecting the +70°C setting. The +15°C and +45°C settings would result in
inadequate refreshing and cause data corruption.


Similar Part No. - IS66WVE2M16DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL-70BI ISSI-IS66WVE2M16DBLL-70BI Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL-70BLI ISSI-IS66WVE2M16DBLL-70BLI Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
More results

Similar Description - IS66WVE2M16DALL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66WVE1M16ALL ISSI-IS66WVE1M16ALL Datasheet
522Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE4M16ALL ISSI-IS66WVE4M16ALL Datasheet
597Kb / 30P
   1.8V Core Async/Page PSRAM
IS66WVE1M16BLL ISSI-IS66WVE1M16BLL Datasheet
589Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE4M16BLL ISSI-IS66WVE4M16BLL Datasheet
530Kb / 30P
   3.0V Core Async/Page PSRAM
IS66WVE2M16DBLL ISSI-IS66WVE2M16DBLL Datasheet
505Kb / 28P
   3.0V Core Async/Page PSRAM
IS66WVE1M16EALL-70BLI ISSI-IS66WVE1M16EALL-70BLI Datasheet
688Kb / 34P
   16Mb Async/Page PSRAM
logo
STMicroelectronics
M69AR048B STMICROELECTRONICS-M69AR048B Datasheet
481Kb / 29P
   32 Mbit (2Mb x16) 1.8V Asynchronous PSRAM
M69KB128AA STMICROELECTRONICS-M69KB128AA Datasheet
489Kb / 68P
   128 Mbit (8Mb x16) 1.8V Supply, Burst PSRAM
M69KB096AA STMICROELECTRONICS-M69KB096AA Datasheet
623Kb / 48P
   64 Mbit (4M x16) 1.8V Supply, 80MHz Clock Rate, Burst PSRAM
logo
Power IC Ltd.
PIC9310 PICSEMI-PIC9310 Datasheet
136Kb / 2P
   Async Boost with 600KHz switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com