Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL78LXX Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL78LXX
Description  The BL78LXX ser ies of f ixed vol tage
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL78LXX Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL78LXX Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL78LXX Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BL78LXX
V1.0
Page3
BL7 8L0 6 ELE CT RI CAL CH ARACTE RISTI CS
( U n l e s s o t h e r w i s e s p e c i f i e d : Vi = 1 2 V; I o = 4 0 m A ; C 1 = 0 . 3 3
µF; Co=0.1µF, 0<Tj<125°C)(Note 1)
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
S y m b o l
M i n . Ty p .
M a x . U n i t
T j = 2 5
°C
5 . 7 5
6 . 0
6 . 2 5
V
8 . 5 V
≤Vi≤20V;Io=1mA~40mA
5 . 7
6 . 3
V
O u t p u t Vo l t a g e
8 . 5 V
≤Vi≤V max; Io=1mA~70mA
Vo
5 . 7
6 . 3
V
( n o t e 2 )
T j = 2 5
°C; Io=1mA~100mA
1 2 . 8
8 0
m V
L o a d R e g u l a t i o n
T j = 2 5
°C; Io=1mA~40mA
∆Vo
5 . 8
4 0
m V
T j = 2 5
°C; 8.5V≤Vi≤20V
6 4
1 7 5
m V
L i n e R e g u l a t i o n
T j = 2 5
°C; 9V≤Vi≤20V
∆Vo
5 4
1 2 5
m V
Q u i e s c e n t C u r r e n t
I q
3 . 9
6 . 0
m A
9 V
≤Vi≤20V
1 . 5
m A
Q u i e s c e n t C u r r e n t C h a n g e
1 m A
≤Io≤40mA
∆Iq
0 . 1
m A
O u t p u t N o i s e Vo l t a g e
1 0 H z
≤f≤100kHz
V N
4 9
µV
Te m p e r a t u r e C o e f f i c i e n t o f Vo
I o = 5 m A
∆Vo/∆T
- 0 . 7 5
m V /
°C
R i p p l e R e j e c t i o n
1 0 V
≤Vi≤20V; f=120Hz; Tj=25°C
R R
4 0
4 6
d B
D r o p o u t Vo l t a g e
T j = 2 5
°C
V d
1 . 7
V
BL7 8L0 8 ELE CT RI CAL CH ARACTE RISTI CS
( U n l e s s o t h e r w i s e s p e c i f i e d : Vi = 1 4 V; I o = 4 0 m A ; C 1 = 0 . 3 3
µF; Co=0.1µF, 0<Tj<125°C)(Note 1)
C h a r a c t e r i s t i c s
Te s t c o n d i t i o n s
S y m b o l
M i n . Ty p . M a x . U n i t
T j = 2 5
°C
7 . 7
8 . 0
8 . 3
V
1 0 . 5 V
≤Vi≤23V;Io=1mA~40mA
7 . 6
8 . 4
V
O u t p u t Vo l t a g e
1 0 . 5 V
≤Vi≤V max;
I o = 1 m A ~ 7 0 m A
Vo
7 . 6
8 . 4
V
( n o t e 2 )
T j = 2 5
°C; Io=1mA~100mA
1 5
8 0
m V
L o a d R e g u l a t i o n
T j = 2 5
°C; Io=1mA~40mA
∆Vo
8 . 0
4 0
m V
T j = 2 5
°C; 10.5V≤Vi≤23V
1 0
1 7 5
m V
L i n e R e g u l a t i o n
T j = 2 5
°C; 11V≤Vi≤23V
∆Vo
8
1 2 5
m V
Q u i e s c e n t C u r r e n t
I q
2 . 0
5 . 5
m A
11 V
≤Vi≤23V
1 . 5
m A
Q u i e s c e n t C u r r e n t C h a n g e
1 m A
≤Io≤40mA
∆Iq
0 . 1
m A
O u t p u t N o i s e Vo l t a g e
1 0 H z
≤f≤100kHz
V N
4 9
µV
Te m p e r a t u r e C o e f f i c i e n t o f Vo
I o = 5 m A
∆Vo/∆T
- 0 . 7 5
m V /
°C
R i p p l e R e j e c t i o n
11 V
≤Vi≤23V; f=120Hz; Tj=25°C
R R
3 9
7 0
d B
D r o p o u t Vo l t a g e
T j = 2 5
°C
V d
1 . 7
V


Similar Part No. - BL78LXX

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
BL78LXX SIRECTIFIER-BL78LXX Datasheet
224Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
logo
Galaxy Semi-Conductor H...
BL78LXX BILIN-BL78LXX Datasheet
169Kb / 8P
   Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - BL78LXX

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLV56RGB1W1 ROHM-SMLV56RGB1W1 Datasheet
1Mb / 4P
   SMLV56 Series
SML-022ML8TT86 ROHM-SML-022ML8TT86 Datasheet
1Mb / 4P
   SML-02 Series
SML-512UWT86 ROHM-SML-512UWT86 Datasheet
1Mb / 4P
   SML-51 Series
SLR-56VR3F ROHM-SLR-56VR3F Datasheet
899Kb / 4P
   SLR-56 Series
SMLE12BC7TT86 ROHM-SMLE12BC7TT86 Datasheet
1Mb / 4P
   SML-E1 Series
SML-521MUWT86 ROHM-SML-521MUWT86 Datasheet
1Mb / 4P
   SML-52 Series
SML-511UWT86 ROHM-SML-511UWT86 Datasheet
1Mb / 4P
   SML-51 Series
logo
Infineon Technologies A...
AN256 INFINEON-AN256 Datasheet
395Kb / 11P
   Ul t ra Low Vol tage Drop LED
Revision: 0.1 20 June 2011
logo
Rohm
SMLA12WBC7W1 ROHM-SMLA12WBC7W1 Datasheet
1Mb / 4P
   SML-A1 Series EXCELEDTM
SML-D12V8WT86 ROHM-SML-D12V8WT86 Datasheet
1Mb / 4P
   SML-D1 Series EXCELED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com