Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL78XX Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL78XX
Description  3-Terminal 1A Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL78XX Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL78XX Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL78XX Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
BL78XX
www.belling.com.cn
V1.0
Page7
BL7 81 2 E LE CT RI CAL CH ARACT ERIS TICS
(R e fe r to th e te s t c i rc u i t, -2 0 °C < T J < 85 °C, Io=50 0 mA , Vi=19V, C i=0.33µ F, Co=0. 1µ F,
u n l e s s o th e r w is e sp e c i f ie d
C h a r a c te r is t i c s
S ymb o l
Te s t C o n d i t io n s
Min
Typ
Ma x
U n i t
T J = + 2 5 ° C
11 . 5
1 2
1 2 . 5
O u t p u t Vo l t a g e
Vo
5 . 0 m A ≤ I o ≤ 1 . 0 A , P o ≤ 1 5 W
Vi = 1 4 . 5 V t o 2 7 V
11 . 4
1 2
1 2 . 6
V
Vi = 1 4 . 5 V t o 3 0 V
1 0
2 4 0
L i n e R e g u l a t i o n *
R e g l i n e
T J = + 2 5 ° C
Vi = 1 6 V t o 2 2 V
3 . 0
1 2 0
mV
I o = 5 . 0 m A t o 1 . 5 A
11
2 4 0
L o a d R e g u l a t i o n *
R e g l o a d
T J = + 2 5 ° C
I o = 2 5 0 m A t o 7 5 0 m A
5 . 0
1 2 0
mV
Q u i e s c e n t C u r r e n t
I Q
T J = + 2 5 ° C
5 . 1
8 . 0
mA
I o = 5 . 0 m A t o 1 . 0 A
0 . 1
0 . 5
Q u i e s c e n t C u r r e n t
C h a n g e
Δ I
Q
Vi = 1 4 . 5 V t o 3 0 V
0 . 5
1 . 0
mA
O u t p u t Vo l t a g e D r i f t
Δ Vo / Δ T Io =5 . 0 mA
-1
m V / ° C
O u t p u t N o i s e Vo l t a g e
V N
f = 1 0 H z t o 1 0 0 K H z , T A = + 2 5 °C
7 6
µ V /Vo
R i p p l e R e j e c t i o n
R R
f = 1 2 0 H z
Vi = 1 5 V t o 2 5 V
5 5
7 1
d B
D r o p o u t Vo l t a g e
V D r o p
I o = 1 A , T J = + 2 5 ° C
2
V
S h o r t C i r c u i t C u r r e n t
I S C
Vi = 3 5 V, T A = + 2 5 ° C
2 3 0
mA
P e a k C u r r e n t
I P K
T J = + 2 5 ° C
2 . 2
A
* Lo a d a n d l i n e re g u la t io n a r e s p e c i f ie d a t c o n s ta n t ju n c t io n t e mp e ra tu re . C h a n g e s in Vo
d u e to h e a t in g e ffe c ts mu s t b e t a k e n in to a c c o u n t s e p a ra t e l y. P u ls e t e s t in g w i th l o w d u t y
is u se d .


Similar Part No. - BL78XX

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
BL78XX BILIN-BL78XX Datasheet
206Kb / 11P
   Three-Terminal Low Current Positive Voltage Regulators
More results

Similar Description - BL78XX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com