Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMDB15 Datasheet(PDF) 2 Page - Protek Devices

Part # SMDB15
Description  800 WATT MULTI-LINE TVS ARRAY
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SMDB15 Datasheet(HTML) 2 Page - Protek Devices

  SMDB15 Datasheet HTML 1Page - Protek Devices SMDB15 Datasheet HTML 2Page - Protek Devices SMDB15 Datasheet HTML 3Page - Protek Devices SMDB15 Datasheet HTML 4Page - Protek Devices SMDB15 Datasheet HTML 5Page - Protek Devices SMDB15 Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05166.R5 10/12
Page 2
SMDB05 - SMDB24C
TYPICAL DEVICE ChARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless otherwise Specified
PARAMETER
SYMBoL
VALUE
UNITS
Operating Temperature
T
L
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
800
Watts
Forward Voltage @ 100mA, 300µs - Square Wave (See Note 1)
V
F
1.5
Volts
NoTE
1. Only applies to unidirectional devices.
ELECTRICAL ChARACTERISTICS PER LINE @ 25°C Unless otherwise Specified
PART
NUMBER
(Note 1)
DEVICE
MARkING
RATED
STAND-oFF
VoLTAGE
V
WM
VoLTS
MINIMUM
BREAkDoWN
VoLTAGE
@1mA
V
(BR)
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@I
P = 1A
V
C
VoLTS
MAXIMUM
CLAMPING
VoLTAGE
(Fig. 2)
@8/20µS
V
C @ IPP
MAXIMUM
LEAkAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CAPACITANCE
@0V, 1Mhz
C
pF
SMDB05
PDA
5.0
6.0
9.8
24.6V @ 45.0A
25
880
SMDB05C
PDB
5.0
6.0
9.8
24.6V @ 45.0A
25
493
SMDB08
PDJ
8.0
8.5
13.4
25.5V @ 40.0A
10
800
SMDB08C
PDK
8.0
8.5
13.4
25.5V @ 40.0A
10
450
SMDB12
PDC
12.0
13.3
19.0
32.9V @ 34.0A
2
440
SMDB12C
PDD
12.0
13.3
19.0
32.9V @ 34.0A
2
248
SMDB15
PDE
15.0
16.7
24.0
38.5V @ 27.0A
2
400
SMDB15C
PDF
15.0
16.7
24.0
38.5V @ 27.0A
2
225
SMDB24
PDG
24.0
26.7
43.0
48.5V @ 20.0A
2
275
SMDB24C
PDH
24.0
26.7
43.0
48.5V @ 20.0A
2
155
NoTES
1. Part numbers with a “C” suffix are bidirectional devices, i.e., SMDB05C.


Similar Part No. - SMDB15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMDB15 MCC-SMDB15 Datasheet
143Kb / 2P
   TVSarray Series
logo
Microsemi Corporation
SMDB15 MICROSEMI-SMDB15 Datasheet
103Kb / 2P
   TVSarray Series
logo
Protek Devices
SMDB15 PROTEC-SMDB15 Datasheet
101Kb / 4P
   STANDARD CAPACITANCE TVS ARRAY
logo
SeCoS Halbleitertechnol...
SMDB15 SECOS-SMDB15 Datasheet
172Kb / 2P
   Transient Voltage Suppressors
logo
Protek Devices
SMDB15 PROTEC-SMDB15 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
More results

Similar Description - SMDB15

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SMDB05C-LFT7 PROTEC-SMDB05C-LFT7 Datasheet
515Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_12 Datasheet
519Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_11 Datasheet
600Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SM14M05C PROTEC-SM14M05C_11 Datasheet
517Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
SM8LC05 PROTEC-SM8LC05_12 Datasheet
601Kb / 7P
   800 WATT MULTI-LINE TVS ARRAY
SMDB05 PROTEC-SMDB05_11 Datasheet
513Kb / 6P
   800 WATT MULTI-LINE TVS ARRAY
DFN6-36 PROTEC-DFN6-36_11 Datasheet
511Kb / 6P
   300 watt Multi-line TVS ARRAY
PSMDA05-18 PROTEC-PSMDA05-18_11 Datasheet
520Kb / 6P
   200 WATT MULTI-LINE TVS ARRAY
TSMDA05CM PROTEC-TSMDA05CM_11 Datasheet
500Kb / 6P
   500 WATT MULTI-LINE TVS ARRAY
PSMDA05-6 PROTEC-PSMDA05-6_12 Datasheet
506Kb / 6P
   350 WATT MULTI-LINE TVS ARRAY
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com