Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8080 Datasheet(PDF) 10 Page - SHANGHAI BELLING CO., LTD.

Part # BL8080
Description  HIGH INTEGRATED PWM CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8080 Datasheet(HTML) 10 Page - SHANGHAI BELLING CO., LTD.

Back Button BL8080 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL8080 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
www.belling.com.cn
10
BL8080
PACKAGE INFORMATION
Package Type
SOT23-6
Number of devices per reel
3000


Similar Part No. - BL8080

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8082 BELLING-BL8082 Datasheet
922Kb / 6P
   PMU with 1 Synchronous Buck and 2 LDOs
BL8082B BELLING-BL8082B Datasheet
932Kb / 6P
   PMU with 1 Synchronous Buck and 2 LDOs
BL8082BCKATR BELLING-BL8082BCKATR Datasheet
932Kb / 6P
   PMU with 1 Synchronous Buck and 2 LDOs
BL8082CKATR BELLING-BL8082CKATR Datasheet
922Kb / 6P
   PMU with 1 Synchronous Buck and 2 LDOs
BL8083 BELLING-BL8083 Datasheet
1Mb / 9P
   PMU with a Synchronous 18V 2A Buck and a CMOS 6V 1.5A LDO
More results

Similar Description - BL8080

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SG6840 ETC-SG6840 Datasheet
384Kb / 11P
   HIGH INTEGRATED PWM CONTROLLER
SG6841 ETC-SG6841 Datasheet
357Kb / 14P
   High-integrated Green-mode PWM Controller
logo
Fairchild Semiconductor
SG6841SZ3 FAIRCHILD-SG6841SZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
SG6841DZ3 FAIRCHILD-SG6841DZ3 Datasheet
539Kb / 14P
   High-integrated Green-mode PWM Controller
FAN6863RTY FAIRCHILD-FAN6863RTY Datasheet
1Mb / 16P
   Highly Integrated Green-Mode PWM Controller
logo
List of Unclassifed Man...
SG6846 ETC1-SG6846 Datasheet
3Mb / 14P
   Highly-Integrated Green-Mode PWM Controller
logo
Fairchild Semiconductor
SG6846A FAIRCHILD-SG6846A Datasheet
490Kb / 13P
   Highly Integrated Green-Mode PWM Controller
SG6741 FAIRCHILD-SG6741 Datasheet
619Kb / 13P
   Highly-Integrated Green-Mode PWM Controller
FAN6862WLTY FAIRCHILD-FAN6862WLTY Datasheet
2Mb / 16P
   Highly Integrated Green-Mode PWM Controller
SG6846B FAIRCHILD-SG6846B Datasheet
451Kb / 15P
   Highly Integrated Green-Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com