Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BL8504 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL8504
Description  High-Precision Low Voltage Detector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL8504 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL8504 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL8504 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.belling.com.cn
2
BL8504
ORDERING INFORMATION
BL8504
1
2
3
4
5
Code
Description
1
Temperature&Rohs:
C:-40~85
°C ,Pb Free Rohs Std.
2
Package type:
B3:SOT-23-3
3
Packing type:
TR:Tape&Reel (Standard)
4
Output voltage:
e.g. 09=0.9V
27=2.7V
60=6.0V
5
Output forms:
N:N-channel open drain
PIN CONFIGURATION
Product Classification
BL8504CB3TR□□□
Marking
N5XX
N: N-channel
open drain
output type
5: Product
Code
XX: Detector
Voltage
Vss
Ground Pin
Vin
Supply Voltage Input
Vout
Voltage detection output pin
ABSOLUTE MAXIMUM RATING
Parameter
Value
Input Voltage
-0.3V-10V
Output Voltage range
-0.3V-12V
Maximum Output current
70mA
Ambient Temperature(Ta)
-40
°C -85°C
Power Dissipation
SOT-23-3: 250mW
Storage Temperature(Ts)
-40
°C -150°C
Lead Temperature & Time
260
°C,10S
Note:
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.
RECOMMENDED WORK CONDITIONS
Item
Min
Recommended
Max.
Unit
Input Voltage Range
0.7
10
V
Ambient Temperature
-40
25
85
°C


Similar Part No. - BL8504

ManufacturerPart #DatasheetDescription
logo
SHANGHAI BELLING CO., L...
BL8501 BELLING-BL8501 Datasheet
340Kb / 10P
   Step down DC/DC controller
BL8503 BELLING-BL8503 Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503 BELLING-BL8503 Datasheet
533Kb / 13P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1AB BELLING-BL8503-12C1AB Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
BL8503-12C1RM BELLING-BL8503-12C1RM Datasheet
1Mb / 12P
   250mA CMOS Low Dropout Voltage Low consumption Regulator
More results

Similar Description - BL8504

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE303 ACE-ACE303 Datasheet
1Mb / 12P
   High-precision Low Voltage Detector
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL8506D BELLING-BL8506D Datasheet
211Kb / 12P
   High-precision Low Voltage Detector
logo
Lowpower Semiconductor ...
LP3808 POWER-LP3808 Datasheet
266Kb / 5P
   High-precision Low Voltage Detector
logo
ACE Technology Co., LTD...
ACE301 ACE-ACE301_1 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.4
ACE301 ACE-ACE301_12 Datasheet
900Kb / 19P
   High-precision Low Voltage Detector
VER 1.6
ACE301 ACE-ACE301 Datasheet
399Kb / 19P
   High-precision Low Voltage Detector
VER 1.3
logo
Seiko Instruments Inc
S-808 SII-S-808 Datasheet
1Mb / 20P
   LOW-VOLTAGE HIGH-PRECISION VOLTAGE DETECTOR
logo
List of Unclassifed Man...
BL8506 ETC1-BL8506 Datasheet
271Kb / 16P
   High-precision Low Voltage Detector
logo
Seiko Instruments Inc
S-807 SII-S-807 Datasheet
336Kb / 42P
   HIGH-PRECISION VOLTAGE DETECTOR
logo
EM Microelectronic - MA...
EM6352 EMMICRO-EM6352 Datasheet
409Kb / 7P
   Voltage Detector, High-Precision
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com