Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U0402FC36C Datasheet(PDF) 2 Page - Protek Devices

Part # U0402FC36C
Description  250W UMBUMPED FLIP CHIP TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC36C Datasheet(HTML) 2 Page - Protek Devices

  U0402FC36C Datasheet HTML 1Page - Protek Devices U0402FC36C Datasheet HTML 2Page - Protek Devices U0402FC36C Datasheet HTML 3Page - Protek Devices U0402FC36C Datasheet HTML 4Page - Protek Devices U0402FC36C Datasheet HTML 5Page - Protek Devices U0402FC36C Datasheet HTML 6Page - Protek Devices U0402FC36C Datasheet HTML 7Page - Protek Devices U0402FC36C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05149.R8 10/12
Page 2
U0402FC3.3C - U0402FC36C
tyPiCal deviCe ChaRaCteRistiCs
maXimUm Ratings @ 25°C Unless otherwise specified
PaRameteR
symbol
valUe
Units
Peak Pulse Power (tp = 8/20µs) - See Figure 1
P
PP
250
Watts
Operating Temperature
T
A
-55 to 150
°C
Storage Temperature
T
STG
-55 to 150
°C
eleCtRiCal ChaRaCteRistiCs PeR line @ 25°C Unless otherwise specified
PaRt
nUmbeR
(note 1)
Rated
stand-oFF
voltage
v
wm
volts
minimUm
bReakdown
voltage
@ 1ma
v
(bR)
volts
maXimUm
ClamPing
voltage
(Fig. 2)
@ i
P = 1a
v
C
volts
maXimUm
ClamPing
voltage
(Fig. 2)
@ 8/20µs
v
C @ iPP
maXimUm
leakage
CURRent
(note 2)
@v
wm
i
d
µa
tyPiCal
CaPaCitanCe
@0v, 1mhz
C
pF
U0402FC3.3C
3.3
4.0
7.0
12.5V @ 20A
75*
150
U0402FC05C
5.0
6.0
9.8
14.7V @ 17A
10**
100
U0402FC08C
8.0
8.5
13.4
19.2V @ 13A
10***
75
U0402FC12C
12.0
13.3
19.0
29.7V @ 9A
1
50
U0402FC15C
15.0
16.7
24.0
35.7V @ 7A
1
40
U0402FC24C
24.0
26.7
43.0
55.0V @ 5A
1
30
U0402FC36C
36.0
40.0
64.0
84.0V @ 3A
1
25
notes
1. All devices are bidirectional. Electrical characteristics apply in both directions.
2. *Maximum leakage current < 5µA @ 2.8V. **Maximum leakage current < 500nA @ 3.3V. ***Maximum leakage current < 200nA @ 5V.


Similar Part No. - U0402FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0402FC36C PROTEC-U0402FC36C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0402FC36C PROTEC-U0402FC36C Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
More results

Similar Description - U0402FC36C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com