Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U0402FC24C Datasheet(PDF) 6 Page - Protek Devices

Part # U0402FC24C
Description  250W UMBUMPED FLIP CHIP TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

U0402FC24C Datasheet(HTML) 6 Page - Protek Devices

  U0402FC24C Datasheet HTML 1Page - Protek Devices U0402FC24C Datasheet HTML 2Page - Protek Devices U0402FC24C Datasheet HTML 3Page - Protek Devices U0402FC24C Datasheet HTML 4Page - Protek Devices U0402FC24C Datasheet HTML 5Page - Protek Devices U0402FC24C Datasheet HTML 6Page - Protek Devices U0402FC24C Datasheet HTML 7Page - Protek Devices U0402FC24C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05149.R8 10/12
Page 6
U0402FC3.3C - U0402FC36C
U0402 PaCkage inFoRmation
C
B
A
D
H
F
E
G
DIE
CONTACTS
DIE
SOLDER PRINT
DIAMETER 0.010” - 0.012”
TOP
A
B C
D
E
F
Metalized Die Contacts
END
I
I
oUtline dimensions
dim
millimeteRs
inChes
min
maX
min
maX
A
0.61
0.024
B
0.86
0.034
C
0.98
1.02
0.038
0.040
D
0.10
0.004
E
0.35
0.014
F
0.458
0.508
0.018
0.020
I
0.406
0.016
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).
3. Maximum chip size: 1.02mm (0.040”) by 0.51mm (0.020”).
layoUt dimensions
dim
millimeteRs
inChes
nominal
nominal
A
0.23
0.009
B
0.48
0.019
C
0.69
0.027
D
0.46
0.018
E
0.99
0.039
F
0.20
0.008
G
0.20
0.008
H
0.66
0.026
I
0.13
0.005
notes
1. Controlling dimensions in inches.
2. Decimal tolerance: .xxx ± 0.05mm (0.002”).


Similar Part No. - U0402FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
U0402FC24C PROTEC-U0402FC24C Datasheet
82Kb / 5P
   UNBUMPED FLIP CHIP ARRAY
U0402FC24C PROTEC-U0402FC24C Datasheet
567Kb / 8P
   250w unbumped flip chip tvs array
More results

Similar Description - U0402FC24C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
SFC05-5 PROTEC-SFC05-5_12 Datasheet
934Kb / 10P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_12 Datasheet
802Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0404FC3.3C PROTEC-P0404FC3.3C_12 Datasheet
537Kb / 8P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_12 Datasheet
620Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0402FC3.3C PROTEC-P0402FC3.3C_10 Datasheet
799Kb / 9P
   250w flip chip tvs array
P0404FC3.3C PROTEC-P0404FC3.3C_11 Datasheet
534Kb / 8P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
P0408FC3.3C PROTEC-P0408FC3.3C_12 Datasheet
621Kb / 9P
   250W FLIP CHIP TVS ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C_11 Datasheet
619Kb / 9P
   250w flip chip tvs array
SFC05-5 PROTEC-SFC05-5_10 Datasheet
932Kb / 10P
   250w flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com