Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ULC0402FC15C Datasheet(PDF) 1 Page - Protek Devices

Part # ULC0402FC15C
Description  200W LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

ULC0402FC15C Datasheet(HTML) 1 Page - Protek Devices

  ULC0402FC15C Datasheet HTML 1Page - Protek Devices ULC0402FC15C Datasheet HTML 2Page - Protek Devices ULC0402FC15C Datasheet HTML 3Page - Protek Devices ULC0402FC15C Datasheet HTML 4Page - Protek Devices ULC0402FC15C Datasheet HTML 5Page - Protek Devices ULC0402FC15C Datasheet HTML 6Page - Protek Devices ULC0402FC15C Datasheet HTML 7Page - Protek Devices ULC0402FC15C Datasheet HTML 8Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05152.R11 10/12
Page 1
ULC0402FC3.3C - ULC0402FC36C
200W LOW CAPACITANCE UNbUmPEd FLIP ChIP Tvs ARRAy
dEsCRIPTION
The ULC0402FCxxC Series Flip Chips employ advanced silicon P/N junction technology for unmatched board-level transient voltage protection against Electrostatic
Discharge (ESD) and Electrical Fast Transients (EFT). Developed specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4
requirements. These devices are ideally suited for handheld devices, PCMCIA and SMART cards.
This low capacitance series provides ESD protection greater than 25 kilovolts with a peak pulse power dissipation of 200 Watts per line for an 8/20µs waveform. In
addition, the ULC0402FCxxC series features superior clamping performance, low leakage current characteristics and a response time of less than a nanosecond. Their
low inductance virtually eliminates overshoot voltage due to package inductance.
FEATUREs
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 200 Watts Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional and Monolithic Structure
• Low Clamping Voltage
• Low Capacitance
• Protection for 1 Line
• RoHS Compliant
• REACH Compliant
mEChANICAL ChARACTERIsTICs
• Standard EIA Chip Size: 0402
• Approximate Weight: 0.73 milligrams
• Lead-Free Plating
• Flammability Rating UL 94V-0
• 8mm Plastic Tape per EIA Standard 481
APPLICATIONs
• SMART Phones
• Portable Electronics
• SMART Cards
PIN CONFIGURATION


Similar Part No. - ULC0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ULC0402FC15C PROTEC-ULC0402FC15C Datasheet
102Kb / 5P
   UNBUMPED LOW CAPACITANCE FLIP CHIP ARRAY
ULC0402FC15C PROTEC-ULC0402FC15C Datasheet
528Kb / 8P
   200W LOW CAPACITANCE unbumpe d flip chip tvs array
More results

Similar Description - ULC0402FC15C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
ULL0402FC05C PROTEC-ULL0402FC05C Datasheet
443Kb / 7P
   LOW CAPACITANCE unbumped flip chip tvs array
ULLC0408FC05C PROTEC-ULLC0408FC05C_11 Datasheet
504Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
ULL0402FC05C PROTEC-ULL0402FC05C_12 Datasheet
446Kb / 7P
   LOW CAPACITANCE UNBUMPED FLIP CHIP TVS ARRAY
ULLC0408FC05C PROTEC-ULLC0408FC05C_12 Datasheet
505Kb / 8P
   UNBUMPED LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0402FC3.3C PROTEC-LC0402FC3.3C Datasheet
623Kb / 9P
   200W LOW CAPACITANCE flip chip tvs array
LC0404FC3.3C PROTEC-LC0404FC3.3C_11 Datasheet
537Kb / 8P
   200W LOW CAPACITANCE flip chip tvs array
LC0408FC3.3C PROTEC-LC0408FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
LC0402FC3.3C PROTEC-LC0402FC3.3C_12 Datasheet
625Kb / 9P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0404FC3.3C PROTEC-LC0404FC3.3C_12 Datasheet
538Kb / 8P
   200W LOW CAPACITANCE FLIP CHIP TVS ARRAY
LC0406FC3.3C PROTEC-LC0406FC3.3C_11 Datasheet
622Kb / 9P
   200w low capacitance flip chip tvs array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com