Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP2118 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS31AP2118
Description  15W STEREO CLASS-D AUDIO POWER AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP2118 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

  IS31AP2118 Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP2118 Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IS31AP2118
Integrated Silicon Solution, Inc. – www.issi.com
6
Rev. 00A, 06/10/2012
AC ELECTRICAL CHARACTERISTICS
VCC=12V, TA=25℃, RL=8Ω (unless otherwise noted).
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
PSRR
Power
supply
ripple
rejection
200mVP-P ripple at 1kHz, Gain = 20dB,
Inputs ac-coupled to AGND
-70
dB
PO
Continuous output power THD+N = 10%, f = 1kHz, VCC = 13V
10
W
THD+N
Total harmonic distortion
+ noise
VCC = 12V, f = 1kHz, PO = 5W (half-
power)
0.1
%
VN
Output integrated noise
20Hz to 22kHz, A-weighted filter, Gain
= 20dB
65
µV
X
Crosstalk
VO = 1Vrms, Gain = 20dB, f = 1kHz
-100
dB
SNR
Signal-to-noise ratio
Maximum output at THD+N < 1%, f =
1kHz, Gain = 20dB, A-weighted
102
dB
Thermal trip point
160
Thermal hysteresis
60


Similar Part No. - IS31AP2118

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP2110 ISSI-IS31AP2110 Datasheet
397Kb / 16P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT
IS31AP2110-ZLS2-TR ISSI-IS31AP2110-ZLS2-TR Datasheet
420Kb / 19P
   20W STEREO CLASS-D AUDIO AMPLIFIER WITH POWER LIMIT AND DYNAMIC TEMPERATURE CONTROL
IS31AP2111 ISSI-IS31AP2111 Datasheet
1Mb / 31P
   2횞20W STEREO DIGITAL AUDIO AMPLIFIER
IS31AP2117 ISSI-IS31AP2117 Datasheet
282Kb / 9P
   8W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
More results

Similar Description - IS31AP2118

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APA2614 ANPEC-APA2614 Datasheet
478Kb / 25P
   15W Stereo Class-D Audio Power Amplifier
APA2622 ANPEC-APA2622 Datasheet
1Mb / 30P
   15W Stereo Class-D Audio Power Amplifier
APA6003 ANPEC-APA6003 Datasheet
351Kb / 22P
   15W Stereo Class D Audio Power Amplifier
APA2619 ANPEC-APA2619 Datasheet
423Kb / 23P
   15W Stereo Class-D Audio Power Amplifier
APA2623 ANPEC-APA2623_17 Datasheet
884Kb / 29P
   15W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9108N RICHTEK-RT9108N Datasheet
982Kb / 14P
   15W Stereo Class-D Audio Power Amplifier
logo
Anpec Electronics Corop...
APA2623 ANPEC-APA2623 Datasheet
877Kb / 28P
   15W Stereo Class-D Audio Power Amplifier
APA2621 ANPEC-APA2621 Datasheet
420Kb / 24P
   15W Stereo Class-D Audio Power Amplifier
logo
Richtek Technology Corp...
RT9108NB RICHTEK-RT9108NB Datasheet
1Mb / 15P
   15W Stereo Class-D Audio Power Amplifier
April 2013
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com