Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4066D Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS31AP4066D
Description  DUAL 1.3W STEREO AUDIO AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4066D Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

Back Button IS31AP4066D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 10Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 11Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 12Page - Integrated Silicon Solution, Inc IS31AP4066D Datasheet HTML 13Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
IS31AP4066D
Integrated Silicon Solution, Inc. – www.issi.com
Rev.A, 11/29/2011
9
APPLICATION INFORMATION
EXPOSED-DAP PACKAGE PCB MOUNTING
CONSIDERATIONS
The IS31AP4066D’s QFN (die attach paddle) package
provides a low thermal resistance between the die and
the PCB to which the part is mounted and soldered.
This allows rapid heat transfer from the die to the
surrounding PCB copper traces, ground plane and,
finally, surrounding air.
The QFN package must have it’s DAP soldered to a
copper pad on the PCB. The DAP’s PCB copper pad is
connected to a large plane of continuous unbroken
copper. This plane forms a thermal mass and heat sink
and radiation area. Place the heat sink area on either
outside plane in the case of a two-sided PCB, or on an
inner layer of a board with more than two layers.
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 2, the IS31AP4066D consists of
two pairs of operational amplifiers, forming a
two-channel (channel A and channel B) stereo
amplifier. External feedback resistors R2, R4 and input
resistors R1 and R3 set the closed-loop gain of Amp A
(-out) and Amp B (-out) whereas two internal 20kΩ
resistors set Amp A’s (+out) and Amp B’s (+out) gain at
1. The IS31AP4066D drives a load, such speaker,
connected between the two amplifier outputs, −OUTA
and +OUTA.
Figure 2 shows that Amp A’s (-out) output serves as
Amp A’s (+out) input. This results in both amplifiers
producing signals identical in magnitude, but 180° out
of phase. Taking advantage of this phase difference, a
load is placed between −OUTA and +OUTA and driven
differentially (commonly referred to as “bridge mode”).
This results in a differential gain of
AVD = 2×(Rf/Ri)
(1)
or
AVD = 2×(R2/R1)
Bridge mode amplifiers are different from single-ended
amplifiers that drive loads connected between a single
amplifier’s output and ground. For a given supply
voltage, bridge mode has a distinct advantage over the
single-ended configuration: its differential output
doubles the voltage swing across the load. This
produces four times the output power when compared
to a single-ended amplifier under the same conditions.
This increase in attainable output power assumes that
the amplifier is not current limited
Another advantage of the differential bridge output is
no net DC voltage across the load. This is
accomplished by biasing channel A’s and channel B’s
outputs at half-supply. This eliminates the coupling
capacitor that single supply, single ended amplifiers
require. Eliminating an output coupling capacitor in a
single-ended configuration forces a single-supply
amplifier’s half-supply bias voltage across the load.
This increases internal IC power dissipation and may
permanently damage loads such as speakers.
POWER DISSIPATION
Power dissipation is a major concern when designing a
successful single-ended or bridged amplifier. Equation
(2) states the maximum power dissipation point for a
single ended amplifier operating at a given supply
voltage and driving a specified output load.
PDMAX = (VDD)
2/(2π2R
L) Single-Ended
(2)
However, a direct consequence of the increased power
delivered to the load by a bridge amplifier is higher
internal power dissipation for the same conditions.
The IS31AP4066D has two operational amplifiers per
channel. The maximum internal power dissipation per
channel operating in the bridge mode is four times that
of a single-ended amplifier. From Equation (3),
assuming a 5V power supply and an 8Ω load, the
maximum single channel power dissipation is 0.63W or
1.26W for stereo operation.
PDMAX = 4×(VDD)
2/(2π2RL) Bridge Mode(3)
The IS31AP4066D’s power dissipation is twice that
given by Equation (2) or Equation (3) when operating
in the single-ended mode or bridge mode, respectively.
Twice the maximum power dissipation point given by
Equation (3) must not exceed the power dissipation
given by Equation (4):
PDMAX' = (TJMAX − TA)/θJA
(4)
The IS31AP4066D’s TJMAX = 150°C. In the QFN
package soldered to a DAP pad that expands to a
copper area of 5in
2 on a PCB, the IS31AP4066D’s θJA
is 23°C/W. At any given ambient temperature TA, use
Equation (4) to find the maximum internal power
dissipation supported by the IC packaging.
Rearranging Equation (4) and substituting PDMAX for
PDMAX' results in Equation (5). This equation gives the
maximum ambient temperature that still allows
maximum stereo power dissipation without violating
the IS31AP4066D’s maximum junction temperature.
TA = TJMAX – 2×PDMAX θJA
(5)
For a typical application with a 5V power supply and an
8Ω load, the maximum ambient temperature that
allows maximum stereo power dissipation without
exceeding the maximum junction temperature is
approximately 85°C for the QFN package.
TJMAX = PDMAX θJA + TA
(6)
Equation (6) gives the maximum junction temperature
TJMAX. If the result violates the IS31AP4066D’s 150°C,
reduce the maximum junction temperature by reducing
the power supply voltage or increasing the load
resistance. Further allowance should be made for


Similar Part No. - IS31AP4066D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4066D-QFLS2-TR ISSI-IS31AP4066D-QFLS2-TR Datasheet
419Kb / 13P
   DUAL 1.3W STEREO AUDIO AMPLIFIER
More results

Similar Description - IS31AP4066D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4066D-QFLS2-TR ISSI-IS31AP4066D-QFLS2-TR Datasheet
419Kb / 13P
   DUAL 1.3W STEREO AUDIO AMPLIFIER
logo
Wuxi Youda electronics ...
YD2025D YOUDA-YD2025D Datasheet
161Kb / 4P
   1.3W STEREO AUDIO AMPLIFIER
logo
Maxim Integrated Produc...
MAX9701 MAXIM-MAX9701 Datasheet
1Mb / 21P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 0; 6/05
MAX9701 MAXIM-MAX9701_09 Datasheet
383Kb / 22P
   1.3W, Filterless, Stereo Class D Audio Power Amplifier
Rev 3; 3/09
logo
National Semiconductor ...
LM4995 NSC-LM4995_07 Datasheet
365Kb / 18P
   1.3W Audio Power Amplifier
logo
Integrated Silicon Solu...
IS31AP4088D-QFLS2-TR ISSI-IS31AP4088D-QFLS2-TR Datasheet
496Kb / 15P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
IS31AP4088D ISSI-IS31AP4088D Datasheet
456Kb / 16P
   DUAL 2.6W STEREO AUDIO AMPLIFIER
logo
SG Micro Corp
SGM4895 SGMICRO-SGM4895_17 Datasheet
1Mb / 13P
   1.3W Fully Differential Audio Power Amplifier
logo
Lyontek Inc.
LY8602 LYONTEK-LY8602 Datasheet
270Kb / 8P
   Dual 2.0W/CH Stereo Audio Amplifier
logo
National Semiconductor ...
LM4667 NSC-LM4667 Datasheet
757Kb / 16P
   Filterless High Efficiency 1.3W Switching Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com