Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4915 Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS31AP4915
Description  20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4915 Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS31AP4915 Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS31AP4915 Datasheet HTML 10Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IS31AP4915
Integrated Silicon Solution, Inc. – www.issi.com
6
Rev.B, 09/11/2012
01
2
3
4
5
0
25
Vcc = 3.6V
fIN = 1kHz
Figure 8
Power Consumption vs. Output Voltage(RL = 1µF+10Ω)
2
3
4
5
6
7
8
2.5
3
3.5
4
4.5
5
5.5
Figure 10
Supply Current vs. Supply Voltage(RL = 1µF+10Ω)
01
2
3
4
5
6
7
Vcc = 5V
fIN = 1kHz
Figure 9
Power Consumption vs. Output Voltage(RL = 1µF+10Ω)
0
10
20
30
40
50
60
70
01
2
3
4
5
6
7
Vcc = 5V
fIN = 1kHz
Figure 11
Supply Current vs. Output Voltage(RL = 1µF+10Ω)


Similar Part No. - IS31AP4915

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
More results

Similar Description - IS31AP4915

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4915-QFLS2-TR ISSI-IS31AP4915-QFLS2-TR Datasheet
322Kb / 10P
   20VP-P CHARGE PUMP CERAMIC SPEAKER DRIVER
logo
ELM Technology Corporat...
ELM901FXA ELM-TECH-ELM901FXA Datasheet
1Mb / 11P
   Charge Pump LED Driver
logo
SG Micro Corp
SGM3140B SGMICRO-SGM3140B Datasheet
431Kb / 14P
   Charge Pump LED Driver
SGM3141 SGMICRO-SGM3141 Datasheet
385Kb / 14P
   Charge Pump LED Driver
SGM3140 SGMICRO-SGM3140 Datasheet
918Kb / 14P
   Charge Pump LED Driver
SGM3141B SGMICRO-SGM3141B Datasheet
398Kb / 14P
   Charge Pump LED Driver
logo
Semtech Corporation
SC615A SEMTECH-SC615A_08 Datasheet
225Kb / 12P
   Charge Pump Flash LED Driver
SC635 SEMTECH-SC635 Datasheet
362Kb / 12P
   Charge Pump Flash LED Driver
logo
ON Semiconductor
NCP5608 ONSEMI-NCP5608 Datasheet
190Kb / 16P
   Multiple LED Charge Pump Driver
June, 2006 ??Rev. 1
logo
California Micro Device...
CM9156A CALMIRCO-CM9156A Datasheet
561Kb / 15P
   Charge Pump White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com