Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS31AP4990D Datasheet(PDF) 4 Page - Integrated Silicon Solution, Inc

Part # IS31AP4990D
Description  1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS31AP4990D Datasheet(HTML) 4 Page - Integrated Silicon Solution, Inc

  IS31AP4990D Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS31AP4990D Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IS31AP4990D
Integrated Silicon Solution, Inc. – www.issi.com
4
Rev.A, 11/22/2011
ABSOLUTE MAXIMUM RATINGS (Note 1)
Supply voltage, VDD
-
0.3V ~ +6.0V
Voltage at any input pin
-
0.3V ~ VDD+0.3V
Junction temperature, TJMAX
-
40°C ~ +150°C
Storage temperature range, Tstg
-
65°C ~ +150°C
Operating temperature ratings
−40°C ~ +85°C
Power dissipation (Note 2)
Internally Limited
Note 1:
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other condition beyond those indicated in the operational sections of the specifications
is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Note 2:
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX–TA)/θJA or the number given in Absolute Maximum Ratings, whichever is lower.
For the IS31AP4990D, see power derating curves for additional information.
ELECTRICAL CHARACTERISTICS
TA = -40°C ~ +85°C, VDD = 2.7V ~ 5.5V, unless otherwise noted. Typical value are TA = +25°C.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Unit
VDD
Power supply
2.7
5.5
V
IDD
Quiescent current
VDD = 5V, VIN = 0V, IO = 0A, no load
3.8
6.4
mA
VDD = 3V, VIN = 0V, IO = 0A, no load
2.8
5.1
ISD
Shutdown current
VSDB = GND, no load
1
μA
VIH
Shutdown voltage input high
1.4
V
VIL
Shutdown voltage input low
0.4
V
VOS
Output offset voltage
25
mV
Po
Output power (8Ω)
VDD = 5V
THD+N = 1%, f = 1kHz
1.20
W
THD+N = 10%, f = 1kHz
1.50
VDD = 3V
THD+N = 1%, f = 1kHz
0.418
THD+N = 10%, f = 1kHz
0.525
tWU
Wake-up time (Note 3)
VDD = 5V, CBYPASS = 1μF
115
ms
VDD = 3V, CBYPASS = 1μF
102
THD+N
Total harmonic distortion +
noise (Note 3)
VDD = 5V, PO = 0.5Wrms, f = 1kHz
0.23
%
VDD = 3V, Po = 0.3Wrms, f = 1kHz
0.15
PSRR
Power supply rejection ratio
(Note 3)
VDD = 5V
VRipple p-p = 200mV
Input grounded
f = 217Hz
61
dB
f = 1kHz
65
VDD = 3.6V, 4.2V
VRipple p-p = 200mV
Input grounded
f = 217Hz
62
f = 1kHz
66
Note 3:
Guaranteed by design.


Similar Part No. - IS31AP4990D

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results

Similar Description - IS31AP4990D

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TBA820M UTC-TBA820M_15 Datasheet
178Kb / 6P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4990D-UTLS2-TR ISSI-IS31AP4990D-UTLS2-TR Datasheet
293Kb / 10P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Unisonic Technologies
PA4990 UTC-PA4990 Datasheet
259Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_15 Datasheet
289Kb / 8P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
PA4990 UTC-PA4990_18 Datasheet
221Kb / 9P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
logo
Integrated Silicon Solu...
IS31AP4991 ISSI-IS31AP4991 Datasheet
427Kb / 12P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
List of Unclassifed Man...
IS31AP4991-SLS2-TR ETC2-IS31AP4991-SLS2-TR Datasheet
418Kb / 11P
   1.2W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW STANDBY MODE
logo
STMicroelectronics
TS4984FC STMICROELECTRONICS-TS4984FC Datasheet
1Mb / 30P
   1.2W Stereo Audio Power Amplifier with Active Low Standby Mode
logo
Integrated Silicon Solu...
IS31AP4991A ISSI-IS31AP4991A Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
IS31AP4991A-GRLS2-TR ISSI-IS31AP4991A-GRLS2-TR Datasheet
373Kb / 11P
   1.1W AUDIO POWER AMPLIFIER WITH ACTIVE-LOW SHUTDOWN MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com