Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EEV-FK1E331P Datasheet(PDF) 11 Page - International Rectifier

Part # EEV-FK1E331P
Description  16A HIGHLY INTERGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

EEV-FK1E331P Datasheet(HTML) 11 Page - International Rectifier

Back Button EEV-FK1E331P Datasheet HTML 7Page - International Rectifier EEV-FK1E331P Datasheet HTML 8Page - International Rectifier EEV-FK1E331P Datasheet HTML 9Page - International Rectifier EEV-FK1E331P Datasheet HTML 10Page - International Rectifier EEV-FK1E331P Datasheet HTML 11Page - International Rectifier EEV-FK1E331P Datasheet HTML 12Page - International Rectifier EEV-FK1E331P Datasheet HTML 13Page - International Rectifier EEV-FK1E331P Datasheet HTML 14Page - International Rectifier EEV-FK1E331P Datasheet HTML 15Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
- 11 -P
AUGUST 08, 2012    | DATA SHEET|    Rev 3.1
11
IR3895 
16A Highly Integrated SupIRBuck  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97746
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = External 5V, Io = 0A‐16A, Fs = 600kHz, Room Temperature, No Air Flow. Note that the efficiency and 
power loss curves include the losses of IR3895, the inductor losses and the losses of the input and output capacitors. 
The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
Vout(V) 
Lout(µH) 
P/N 
DCR(mΩ) 
1.0 
0.4 
59PR9875N (Vitec) 
0.29 
1.2 
0.4 
59PR9875N (Vitec) 
0.29 
1.8 
0.47 
7443330047(Wurth Elektronik) 
0.8 
3.3 
0.82  MPC1040LR88C(NEC/Tokin) 
2.3 
1.0 
7443330010(Wurth Elektronik) 
1.35 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 


Similar Part No. - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
4Mb / 14P
   USER GUIDE FOR IR3895 EVALUATION BOARD
EEV-FK1E331P IRF-EEV-FK1E331P Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - EEV-FK1E331P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899 Datasheet
2Mb / 43P
   9A HIGHLY INTEGRATED SUPLRBUCK
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
logo
List of Unclassifed Man...
HMS30C7202N ETC1-HMS30C7202N Datasheet
2Mb / 179P
   Highly-intergrated MPU
logo
International Rectifier
IR3895 IRF-IR3895_13 Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
logo
Protech Systems Co., Lt...
PA-3252 PROTECHSYSTEMS-PA-3252 Datasheet
1Mb / 2P
   The One of a kind Highly Intergrated 15" POS Terminal
POS-3520 PROTECHSYSTEMS-POS-3520 Datasheet
756Kb / 2P
   The One of a kind Highly Intergrated 15 POS Terminal
logo
Infineon Technologies A...
IR3829MTRPBF INFINEON-IR3829MTRPBF Datasheet
1Mb / 50P
   16A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
IR3448 INFINEON-IR3448_16 Datasheet
2Mb / 51P
   16A Highly Integrated SupIRBuck짰 Single-Input Voltage, Synchronous Buck Regulator
Rev 3.6 May 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com