Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R71H222KA01B Datasheet(PDF) 9 Page - International Rectifier

Part # GRM188R71H222KA01B
Description  9A HIGHLY INTEGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R71H222KA01B Datasheet(HTML) 9 Page - International Rectifier

Back Button GRM188R71H222KA01B Datasheet HTML 5Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 6Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 7Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 8Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 9Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 10Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 11Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 12Page - International Rectifier GRM188R71H222KA01B Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
- 9 -
August 08, 2012 |DATA SHEET | 3.4
9
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Over‐Current Protection 
Current Limit 
ILIMIT 
Tj = 25°C, Vcc = 6.4V 
11 
12.7 
15.0 
Hiccup Blanking Time 
Tblk_Hiccup  Note 4   
20.48  
ms 
Over‐Temperature Protection 
Thermal Shutdown Threshold 
Ttsd 
Note 4 
 
145 
  
°C 
Hysteresis 
Ttsd_hys 
Note 4   
20  
 
Note 3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production. 
Note 4: Guaranteed by design but not tested in production. 
 
 
 
 
 
 
 


Similar Part No. - GRM188R71H222KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
GRM188R71H222KA01B IRF-GRM188R71H222KA01B Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
GRM188R71H222KA01B IRF-GRM188R71H222KA01B Datasheet
2Mb / 47P
   4A Highly Integrated SupIRBuck Single?륤nput Voltage
GRM188R71H222KA01B IRF-GRM188R71H222KA01B Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
GRM188R71H222KA01B IRF-GRM188R71H222KA01B Datasheet
3Mb / 46P
   6A Highly Integrated SupIRBuck
GRM188R71H222KA01B IRF-GRM188R71H222KA01B Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
More results

Similar Description - GRM188R71H222KA01B

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3859MPBF IRF-IR3859MPBF Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com