Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GRM188R61E105KA12D Datasheet(PDF) 10 Page - International Rectifier

Part # GRM188R61E105KA12D
Description  9A HIGHLY INTEGRATED SUPLRBUCK
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

GRM188R61E105KA12D Datasheet(HTML) 10 Page - International Rectifier

Back Button GRM188R61E105KA12D Datasheet HTML 6Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 7Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 8Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 9Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 10Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 11Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 12Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 13Page - International Rectifier GRM188R61E105KA12D Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
- 10 -
August 08, 2012 |DATA SHEET | 3.4
10
IR3899 
9A Highly Integrated SupIRBuck
TM  
Single‐Input Voltage, Synchronous Buck Regulator  
PD‐97661
TYPICAL EFFICIENCY AND POWER LOSS CURVES 
 
PVin = 12V, Vcc = Internal LDO (4.4V/6.4V), Io = 0A‐9A, Fs = 600KHz, Room Temperature, No Air Flow. Note that the 
efficiency and power loss curves include the losses of IR3899, the inductor losses and the losses of the input and output 
capacitors. 
The table below shows the inductors used for each of the output voltages in the efficiency measurement. 
VOUT (V) 
LOUT (µH)
P/N
DCR (mΩ)
1.0 
0.51 
59PR9876N (Vitec) 
0.29 
1.2 
0.51 
59PR9876N (Vitec) 
0.29 
1.8 
0.68 
ETQP4LR68XFC (Panasonic) 
1.58 
3.3 
1.2 
MPL105‐1R2 (Delta) 
2.9 
1.2 
MPL105‐1R2 (Delta) 
2.9 
 
78
80
82
84
86
88
90
92
94
96
98
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
 
0.2
0.6
1
1.4
1.8
2.2
2.6
0.9
1.8
2.7
3.6
4.5
5.4
6.3
7.2
8.1
9
Load Current (A)
1.0V
1.2V
1.8V
3.3V
5.0V
 


Similar Part No. - GRM188R61E105KA12D

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
GRM188R61E105KA12D AOSMD-GRM188R61E105KA12D Datasheet
200Kb / 4P
   EZBuck??2A Simple Buck Regulator Evaluation Board Note
logo
International Rectifier
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
3Mb / 17P
   USER GUIDE FOR IR3899 EVALUATION BOARD
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
2Mb / 45P
   16A Highly Integrated SupIRBuck
GRM188R61E105KA12D IRF-GRM188R61E105KA12D Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
logo
Texas Instruments
GRM188R61E105KA12D TI1-GRM188R61E105KA12D Datasheet
2Mb / 35P
[Old version datasheet]   Multi-Cal-System Evaluation Module
More results

Similar Description - GRM188R61E105KA12D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3897 IRF-IR3897 Datasheet
2Mb / 45P
   4A HIGHLY INTEGRATED SUPLRBUCK
IR3894 IRF-IR3894 Datasheet
2Mb / 43P
   12A HIGHLY INTERGRATED SUPLRBUCK
IR3898 IRF-IR3898 Datasheet
2Mb / 45P
   6A HIGHLY INTERGRATED SUPLRBUCK
IR3895 IRF-IR3895 Datasheet
2Mb / 43P
   16A HIGHLY INTERGRATED SUPLRBUCK
IR3899 IRF-IR3899_13 Datasheet
2Mb / 45P
   9A Highly Integrated SupIRBuck Single.Input Voltage
IR3859MPBF IRF-IR3859MPBF Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821AMPBF IRF-IR3821AMPBF_08 Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 9A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Maxim Integrated Produc...
MAXM15466 MAXIM-MAXM15466 Datasheet
665Kb / 10P
   Highly Integrated Solution
Rev 0; 3/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com