Electronic Components Datasheet Search |
|
SI8712BC-B-IP Datasheet(PDF) 6 Page - Silicon Laboratories |
|
SI8712BC-B-IP Datasheet(HTML) 6 Page - Silicon Laboratories |
6 / 36 page Si87xx 6 Preliminary Rev. 0.5 Table 3. Regulatory Information (Pending)* CSA The Si87xx is certified under CSA Component Acceptance Notice 5A. For more details, see File 232873. 61010-1: Up to 600 VRMS reinforced insulation working voltage; up to 600 VRMS basic insulation working voltage. 60950-1: Up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage. 60601-1: Up to 250 VRMS reinforced insulation working voltage; up to 500 VRMS basic insulation working voltage. VDE The Si87xx is certified according to IEC 60747-5-2. For more details, see File 5006301-4880-0001. 60747-5-2: Up to 1414 Vpeak for reinforced insulation working voltage. UL The Si87xx is certified under UL1577 component recognition program. For more details, see File E257455. Rated up to 5000 VRMS isolation voltage for basic protection. CQC The Si87xx is certified under GB4943.1-2011. For more details, see File number pending. Rated up to 1000 VRMS reinforced insulation working voltage; up to 1000 VRMS basic insulation working voltage. *Note: Regulatory Certifications apply to 3.75 kVRMS rated devices which are production tested to 4.5 kVRMS for 1 sec. Regulatory Certifications apply to 5.0 kVRMS rated devices which are production tested to 6.0 kVRMS for 1 sec. For more information, see "9.Ordering Guide" on page 20. Table 4. Insulation and Safety-Related Specifications Parameter Symbol Test Condition Value Unit SOIC-8 DIP8 SDIP6 LGA8 Nominal Air Gap (Clearance) L(IO1) 4.9 min 7.4 min 8.0 min 9.6 min mm Nominal External Tracking (Creepage) L(IO2) 4.8 min 8.0 min 8.0 min 10.0 min mm Minimum Internal Gap (Internal Clearance) 0.016 0.016 0.016 0.016 mm Tracking Resistance (Proof Tracking Index) PTI IEC60112 600 600 600 600 V Erosion Depth ED 0.031 0.031 Pending 0.021 mm Resistance (Input-Output)* RIO 1012 1012 1012 1012 Capacitance (Input-Output)* CIO f = 1 MHz 1 111 pF *Note: To determine resistance and capacitance, the Si87xx is converted into a 2-terminal device. Pins 1–4 (1–3, SDIP6) are shorted together to form the first terminal, and pins 5–8 (4–6, SDIP6) are shorted together to form the second terminal. The parameters are then measured between these two terminals. |
Similar Part No. - SI8712BC-B-IP |
|
Similar Description - SI8712BC-B-IP |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |