Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC62D748CFG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC62D748CFG
Description  16-Output Constant Current LED Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC62D748CFG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC62D748CFG Datasheet HTML 1Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 2Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 3Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 4Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 5Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 6Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 7Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 8Page - Toshiba Semiconductor TC62D748CFG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TC62D748CFG
2011-12-14
1
TOSHIBA CDMOS Integrated Circuit Silicon Monolithic
TC62D748CFG
16-Output Constant Current LED Driver
The TC62D748CFG is a constant-current driver for LED and
LED display lighting applications.
The output current from each of the 16 outputs is
programmable via a single external resistor.
The TC62D748CFG contains a 16-channel shift register, a
16-channel latch, a 16-channel AND gate and a 16-channel
constant-current output.
Fabricated with a CMOS process, the TC62D748CFG allows
high-speed data transfer.
It operates with a 3.3- or 5-V power supply.
Features
• Supply voltages
: VDD = 3.0 V to 5.0 V
• 16-output built-in
• Output current setup range
: IOUT = 1.5 to 90 mA
• Constant current output accuracy (@ REXT = 1.2 kΩ, VOUT = 1.0 V, VDD = 3.3 V, 5.0 V)
: S rank;between outputs
± 1.5 % (max)
: S rank;between devices:
± 1.5 % (max)
: N rank;between outputs
± 2.5 % (max)
: N rank;between devices:
± 2.5 % (max)
• Output voltage
: VOUT = 17 V (max)
• High-speed output switching
: twOE(L) = 25 ns (min), tor = 30ns (typ.), tof = 10ns (typ.)
There is TC62D749 as an output switching high-speed version of this product.
• I/O interface
: CMOS interfaces (Schmitt trigger input)
• Data transfer frequency
: fSCK = 25 MHz (max)
• Operation temperature range
: Topr = −40 to 85 °C
• Power-on-reset function built-in. (When the power supply is turned on, internal data is reset)
• Package
: SSOP24-P-300-1.00B
For detailed part naming conventions, contact your local Toshiba sales representative or distributor.
SSOP24-P-300-1.00B
Weight: 0.29 g (Typ.)


Similar Part No. - TC62D748CFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TC62D748CFG MARKTECH-TC62D748CFG Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
More results

Similar Description - TC62D748CFG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
TC62D748CFNAG MARKTECH-TC62D748CFNAG_15 Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FNAG MARKTECH-TC62D723FNAG_15 Datasheet
787Kb / 44P
   16-Output constant current LED driver
logo
Toshiba Semiconductor
TC62D748AFG TOSHIBA-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
logo
Marktech Corporate
TC62D723FTBG MARKTECH-TC62D723FTBG Datasheet
760Kb / 44P
   16-Output constant current LED driver
TC62D723FNG MARKTECH-TC62D723FNG Datasheet
734Kb / 44P
   16-Output constant current LED driver
TC62D749CFNAG MARKTECH-TC62D749CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748AFG MARKTECH-TC62D748AFG Datasheet
334Kb / 19P
   16-Output Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com