Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75S63TU Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC75S63TU
Description  Single Operational Amplifier (Low Noise Operational Amplifier)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S63TU Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC75S63TU Datasheet HTML 1Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 2Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 3Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 4Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 5Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 6Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 7Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 8Page - Toshiba Semiconductor TC75S63TU Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TC75S63TU
2012-03-14
2
Marking (top view)
Pin Connection (top view)
Electrical Characteristics
DC Characteristics (VDD = 3.3 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
1
RS = 1 kΩ, RF = 100 kΩ
1
7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
2
RS = 1 kΩ, RF = 100 kΩ
0
2.4
V
Voltage gain (open loop)
GV
100
dB
VOH
3
RL ≥ 100 kΩ
3.2
Maximum output voltage
VOL
4
RL ≥ 100 kΩ
0.1
V
Common mode input signal
rejection ratio
CMRR
2
VIN = 0 to 2.4 V
60
80
dB
Supply voltage rejection ratio
SVRR
1
VDD = 2.2 to 5.5 V
60
80
dB
Supply current
IDD
5
500
650
μA
Source current
Isource
6
1500
μA
Sink current
Isink
7
1500
μA
AC Characteristics (VDD = 3.3 V, VSS = GND, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Equivalent input Noise Voltage
VNI
f=1kHz,
GV=40dB,RS=100
Ω,Rf=10kΩ
7.8
nV/√Hz
Unity Gain Cross Frequency
fT
GV = 40 dB
3.5
MHz
Phase delay
φD
8
f=2kHz
-2.5
degrees
AC Characteristics (VDD = 1.65 V, VSS = -1.65V, Ta = 25°C)
Characteristics
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Slew Rate
SR
9
GV = 12 dB,VIN=0.4V
1.0
V/
μs
VDD
5
IN (
−)
4
1
3
VSS
2
OUT
IN (
+)
S P
4
5
3
1
2


Similar Part No. - TC75S63TU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TC75S60F ETC-TC75S60F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S60F TOSHIBA-TC75S60F Datasheet
229Kb / 11P
   Single Operational Amplifier
logo
List of Unclassifed Man...
TC75S60FU ETC-TC75S60FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S60FU TOSHIBA-TC75S60FU Datasheet
229Kb / 11P
   Single Operational Amplifier
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
More results

Similar Description - TC75S63TU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S61TU TOSHIBA-TC75S61TU Datasheet
206Kb / 7P
   Single Operational Amplifier (Low Noise Operational Amplifier)
TC75S67TU TOSHIBA-TC75S67TU Datasheet
1Mb / 11P
   Single Operational Amplifier (Ultra Low Noise Operational Amplifier)
2019-08-19 Rev1.4
logo
ON Semiconductor
NE5534 ONSEMI-NE5534 Datasheet
165Kb / 10P
   Single Low Noise Operational Amplifier
March, 2006 ??Rev. 2
logo
Toshiba Semiconductor
TA75S558FTE85LF TOSHIBA-TA75S558FTE85LF Datasheet
182Kb / 5P
   Single Low-Noise Operational Amplifier
logo
ON Semiconductor
NE5534 ONSEMI-NE5534_12 Datasheet
131Kb / 10P
   Single Low Noise Operational Amplifier
July, 2012 ??Rev. 3
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_08 Datasheet
309Kb / 15P
   Low noise JFET single operational amplifier
logo
Rohm
LM4559F ROHM-LM4559F Datasheet
380Kb / 20P
   Low Noise Operational Amplifier
LM4565F ROHM-LM4565F Datasheet
379Kb / 20P
   Low Noise Operational Amplifier
LM4559F-E2 ROHM-LM4559F-E2 Datasheet
849Kb / 29P
   Low Noise Operational Amplifier
logo
STMicroelectronics
TL071 STMICROELECTRONICS-TL071_07 Datasheet
287Kb / 13P
   Low noise JFET single operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com