Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2EN16 Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TCR2EN16
Description  200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EN16 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TCR2EN16 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 9Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 10Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 11Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 12Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 13Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 14Page - Toshiba Semiconductor TCR2EN16 Datasheet HTML 15Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TCR2EN series
2012-05-23
11
7) Output Voltage vs. Output Current
8) Ripple Rejection Ratio vs. Frequency
VIN = 2.2 V ,Vripple = 500 mVp−p
CIN = none, COUT = 1μF
IOUT = 10 mA, Ta = 25°C
VIN = 4.0 V ,Vripple = 500 mVp−p
CIN = none, COUT = 1μF
IOUT = 10 mA, Ta = 25°C
VOUT=1.2V
VOUT=3.0V
VOUT=1.2V
VOUT=1.8V
VOUT=2.5V
VOUT=3.0V
Pulse width
= 1 ms
Pulse width
= 1 ms
Pulse width
= 1 ms
Pulse width
= 1 ms
VIN = 5.5V
Output current IOUT (mA)
Output current IOUT (mA)
Output current IOUT (mA)
Output current IOUT (mA)
Frequency f (Hz)
Frequency f (Hz)
VIN = 2.2V
VIN = 5.5V
VIN = 2.8V
VIN = 5.5V
VIN = 5.5V
VIN = 3.5V
VIN = 4.0V


Similar Part No. - TCR2EN16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE10 TOSHIBA-TCR2EE10 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE105 TOSHIBA-TCR2EE105 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE11 TOSHIBA-TCR2EE11 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EN16

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com