Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB21U Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR5SB21U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB21U Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR5SB21U Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB21U Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
2
List of Products Number and Marking
Marking
Products No.
Marking
Products No.
Marking
TCR5SB15U
1E5
TCR5SB33U
3E3
TCR5SB16U
1E6
TCR5SB34U
3E4
TCR5SB17U
1E7
TCR5SB35U
3E5
TCR5SB18U
1E8
TCR5SB36U
3E6
TCR5SB19U
1E9
TCR5SB37U
3E7
TCR5SB20U
2E0
TCR5SB38U
3E8
TCR5SB21U
2E1
TCR5SB39U
3E9
TCR5SB22U
2E2
TCR5SB40U
4E0
TCR5SB23U
2E3
TCR5SB41U
4E1
TCR5SB24U
2E4
TCR5SB42U
4E2
TCR5SB25U
2E5
TCR5SB43U
4E3
TCR5SB26U
2E6
TCR5SB44U
4E4
TCR5SB27U
2E7
TCR5SB45U
4E5
TCR5SB28U
2E8
TCR5SB46U
4E6
TCR5SB29U
2E9
TCR5SB47U
4E7
TCR5SB30U
3E0
TCR5SB48U
4E8
TCR5SB31U
3E1
TCR5SB49U
4E9
TCR5SB32U
3E2
TCR5SB50U
5E0
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
V
Control voltage
VCT
-0.3 to 6
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
Power dissipation
PD
450
(Note1)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note1: Rating at mounting on a board
(Glass epoxy board dimmention : 30 mm
× 30 mm, Copper pad area : 35 mm
2
)
3 E 0
Example: TCR5SB30U (3.0 V output)


Similar Part No. - TCR5SB21U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB21 TOSHIBA-TCR5SB21 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB21A TOSHIBA-TCR5SB21A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SB21U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com