Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR6DA1829 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR6DA1829
Description  200 mA Dual Outputs CMOS Low-Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR6DA1829 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR6DA1829 Datasheet HTML 1Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 2Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 3Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 4Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 5Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 6Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 7Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 8Page - Toshiba Semiconductor TCR6DA1829 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
TCR6DA series
2011-02-03
3
Absolute Maximum Ratings(Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
V
Control voltage
VCT
-0.3 to 6
V
Output voltage
VOUT
-0.3 to VIN + 0.3
V
Output current
IOUT
200
mA
SM6
480
(Note1)
mW
Power dissipation
PD
UF6
500
(Note1)
mW
Operation temperature range
Topr
−40 to 85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1 : Rating at mounting on a board
(25.4mm x 25.4mm x 1.6mm, copper pad:645mm
2)


Similar Part No. - TCR6DA1829

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
   Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
   INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
   1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
   1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCR6DA1829

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com