Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB26U Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TCR5SB26U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB26U Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TCR5SB26U Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB26U Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
3
Electrical Characteristics
(Unless otherwise specified,
VIN =VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Output voltage
VOUT
Please refer to the Output Voltage Accuracy table
Line regulation
Reg・line
VOUT + 0.5 V <= VIN <= 6 V,
IOUT = 1 mA
3
15
mV
Load regulation
Reg・load
1 mA
≤ IOUT ≤ 150 mA
25
75
mV
Quiescent current
IB
IOUT = 0 mA
40
75
μA
Stand-by current
IB (OFF)
VCT = 0 V
0.1
1.0
μA
TCR5SB15U to TCR5SB20U
25
TCR5SB21U to TCR5SB30U
30
TCR5SB31U to TCR5SB36U
35
Output noise voltage
VNO
VIN = VOUT + 1 V,
IOUT = 10 mA,
10 Hz
≤ f ≤ 100 kHz,
Ta
= 25°C
TCR5SB37U to TCR5SB50U
40
μVrms
Dropout voltage
VIN-VOUT
Please refer to the Dropout voltage table.
Temperature coefficient
TCVO
−40°C ≤ Top r≤ 85°C
100
ppm/°C
TCR5SB15U to TCR5SB16U VOUT +
0.33 V
6.0
TCR5SB17U to TCR5SB18U VOUT +
0.31 V
6.0
TCR5SB19U to TCR5SB23U VOUT +
0.25 V
6.0
TCR5SB24U to TCR5SB27U VOUT +
0.20 V
6.0
Input voltage
VIN
TCR5SB28U to TCR5SB50U VOUT +
0.19 V
6.0
V
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C
80
dB
Control voltage (ON)
VCT (ON)
1.5
6.0
V
Control voltage (OFF)
VCT (OFF)
0
0.25
V
Control current (ON)
ICT (ON)
VCT = 6.0 V
0.1
μA
Control current (OFF)
ICT (OFF)
VCT = 0 V
0.1
μA


Similar Part No. - TCR5SB26U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB26 TOSHIBA-TCR5SB26 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB26A TOSHIBA-TCR5SB26A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SB26U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com