Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB32U Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR5SB32U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB32U Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR5SB32U Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB32U Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
4
Output Voltage Accuracy
(VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Product No.
Symbol
Min
Typ.
Max
Unit
TCR5SB15U
1.47
1.5
1.53
TCR5SB16U
1.56
1.6
1.64
TCR5SB17U
1.66
1.7
1.74
TCR5SB18U
1.76
1.8
1.84
TCR5SB19U
1.86
1.9
1.94
TCR5SB20U
1.96
2.0
2.04
TCR5SB21U
2.05
2.1
2.15
TCR5SB22U
2.15
2.2
2.25
TCR5SB23U
2.25
2.3
2.35
TCR5SB24U
2.35
2.4
2.45
TCR5SB25U
2.45
2.5
2.55
TCR5SB26U
2.54
2.6
2.66
TCR5SB27U
2.64
2.7
2.76
TCR5SB28U
2.74
2.8
2.86
TCR5SB29U
2.84
2.9
2.96
TCR5SB30U
2.94
3.0
3.06
TCR5SB31U
3.03
3.1
3.17
TCR5SB32U
3.13
3.2
3.27
TCR5SB33U
3.23
3.3
3.37
TCR5SB34U
3.33
3.4
3.47
TCR5SB35U
3.43
3.5
3.57
TCR5SB36U
3.52
3.6
3.68
TCR5SB37U
3.62
3.7
3.78
TCR5SB38U
3.72
3.8
3.88
TCR5SB39U
3.82
3.9
3.98
TCR5SB40U
3.92
4.0
4.08
TCR5SB41U
4.01
4.1
4.19
TCR5SB42U
4.11
4.2
4.29
TCR5SB43U
4.21
4.3
4.39
TCR5SB44U
4.31
4.4
4.49
TCR5SB45U
4.41
4.5
4.59
TCR5SB46U
4.50
4.6
4.70
TCR5SB47U
4.60
4.7
4.80
TCR5SB48U
4.70
4.8
4.90
TCR5SB49U
4.80
4.9
5.00
TCR5SB50U
VOUT
4.90
5.0
5.10
V


Similar Part No. - TCR5SB32U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB32 TOSHIBA-TCR5SB32 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB32A TOSHIBA-TCR5SB32A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SB32U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com