Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB33U Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TCR5SB33U
Description  200-mA CMOS Low-Dropout Regulators (Point Regulators)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB33U Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TCR5SB33U Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB33U Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
TCR5SB15U~TCR5SB50U
2011-10-31
9
3)
Output Voltage vs. Ambient temperature
−50
2.96
−25
0
25
75
50
2.98
3.0
3.02
3.04
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB30U
Ambient temperature Ta (°C)
−50
1.48
−25
0
25
75
50
1.49
1.5
1.51
1.52
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB15U
Ambient temperature Ta (°C)
−50
4.96
−25
0
25
75
50
4.98
5.0
5.02
5.04
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB50U
Ambient temperature Ta (°C)
−50
1.78
−25
0
25
75
50
1.79
1.8
1.81
1.82
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
IOUT = 50 mA
100
TCR5SB18U
Ambient temperature Ta (°C)
TCR5SB30U
2.9
3.0
3.1
VIN = 4 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
TCR5SB50U
4.9
5.0
5.1
VIN = 6 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180


Similar Part No. - TCR5SB33U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB33 TOSHIBA-TCR5SB33 Datasheet
285Kb / 17P
   200mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB33A TOSHIBA-TCR5SB33A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
More results

Similar Description - TCR5SB33U

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN2504 FAIRCHILD-FAN2504 Datasheet
252Kb / 10P
   200 mA CMOS LDO Regulators
FAN2504 FAIRCHILD-FAN2504_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
FAN2514 FAIRCHILD-FAN2514_10 Datasheet
263Kb / 10P
   200 mA CMOS LDO Regulators
logo
Toshiba Semiconductor
TAR5S15 TOSHIBA-TAR5S15_07 Datasheet
381Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TAR5SB15 TOSHIBA-TAR5SB15 Datasheet
395Kb / 23P
   Point Regulators (Low-Dropout Regulator)
2014-03-01
TAR5S15 TOSHIBA-TAR5S15 Datasheet
625Kb / 22P
   Point Regulators (Low-Dropout Regulator)
TAR5S15U TOSHIBA-TAR5S15U Datasheet
619Kb / 23P
   Point Regulators (Low-Dropout Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
FOSLINK SEMICONDUCTOR C...
FSP2114 FOSLINK-FSP2114 Datasheet
334Kb / 8P
   CMOS LOW DROPOUT REGULATORS
logo
Texas Instruments
LP38691-ADJ TI1-LP38691-ADJ_16 Datasheet
1Mb / 27P
[Old version datasheet]   500-mA Low-Dropout CMOS Linear Regulators Stable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com