Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR2EN285 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TCR2EN285
Description  200 mA CMOS Low Drop-Out Regulator in ultra small package
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR2EN285 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TCR2EN285 Datasheet HTML 1Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 2Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 3Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 4Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 5Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 6Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 7Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 8Page - Toshiba Semiconductor TCR2EN285 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TCR2EN series
2012-05-23
4
Electrical Characteristics
(
Unless otherwise specified,
VIN = VOUT + 1 V, IOUT = 50 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
VOUT <1.8 V
-18
+18
mV
Output voltage accuracy
VOUT
IOUT = 50 mA (Note2)
1.8V <= VOUT
-1.0
+1.0
%
Input voltage
VIN
IOUT = 1 mA
1.5
5.5
V
Line regulation
Reg・line VOUT + 0.5 V
<= VIN <= 5.5 V,
IOUT = 1 mA
1
15
mV
Load regulation
Reg・load 1 mA <= IOUT <= 150 mA
15
30
mV
Quiescent current
IB
IOUT = 0 mA
35
60
μA
Stand-by current
IB (OFF) VCT = 0 V
0.1
1.0
μA
Drop-out voltage
VIN-VOUT IOUT = 150 mA (Note 3)
160
210
mV
Temperature coefficient
TCVO
−40°C <= Topr <= 85°C
75
ppm/°C
Output noise voltage
VNO
VIN = VOUT + 1 V, IOUT = 10 mA,
10 Hz <= f <= 100 kHz, Ta = 25°C (Note 3)
35
μVrms
Ripple rejection ratio
R.R.
VIN = VOUT + 1 V, IOUT = 10 mA,
f
= 1 kHz, VRipple = 500 mVp-p,
Ta
= 25°C (Note 3)
73
dB
Load transient response
VOUT IOUT = 1⇔150mA, COUT = 1.0 μF
±55
mV
Control voltage (ON)
VCT (ON)
1.0
5.5
V
Control voltage (OFF)
VCT (OFF)
0
0.4
V
Note 2: Stable state with fixed IOUT condition
Note 3: The 2.5 V output product
Drop-out voltage for different output voltages
(IOUT = 150 mA, CIN = 0.1 μF, COUT = 1.0 μF, Tj = 25°C)
Output voltages
Symbol
Min
Typ.
Max
Unit
1.0 V, 1.05 V
490
750
1.1 V, 1.15 V
420
650
1.2 V, 1.25 V
360
550
1.3 V
330
450
1.4 V
290
400
1.5 V <= VOUT < 1.8 V
270
370
1.8 V <= VOUT < 2.5 V
210
290
2.5 V <= VOUT < 3.0 V
160
210
3.0 V <= VOUT <= 3.6 V
VIN-VOUT
130
180
mV


Similar Part No. - TCR2EN285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
TCR2EE TOSHIBA-TCR2EE Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE10 TOSHIBA-TCR2EE10 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE105 TOSHIBA-TCR2EE105 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
TCR2EE11 TOSHIBA-TCR2EE11 Datasheet
1Mb / 17P
   200 mA CMOS Low Dropout Regulator with Fast Load Transient Response
2019-06-20
More results

Similar Description - TCR2EN285

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR2DG TOSHIBA-TCR2DG Datasheet
362Kb / 15P
   Low Noise 200 mA CMOS Low Drop-Out Regulator in ultra small package
TCR2BE10 TOSHIBA-TCR2BE10 Datasheet
282Kb / 18P
   200 mA CMOS Low Drop-Out Regulator with Auto-discharge
TCR2EF15 TOSHIBA-TCR2EF15 Datasheet
1Mb / 16P
   200 mA CMOS Low Drop-Out Regulator with Fast Load Transient Response
logo
Sipex Corporation
SPX2954 SIPEX-SPX2954 Datasheet
204Kb / 7P
   250 mA Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3UM TOSHIBA-TCR3UM Datasheet
846Kb / 17P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2021-11-16
TCR3UG TOSHIBA-TCR3UG Datasheet
707Kb / 18P
   Ultra low quiescent current, Fast Load Transient 300 mA CMOS Low Dropout Regulator in ultra small package
2022-01-11
logo
Advanced Analogic Techn...
AAT3232 ANALOGICTECH-AAT3232 Datasheet
100Kb / 10P
   300mA CMOS Low Drop Out Linear Regulator
logo
Taiwan Semiconductor Co...
TS4264 TSC-TS4264 Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
TS4264G TSC-TS4264G Datasheet
145Kb / 5P
   150mA Ultra Low Drop Out Voltage Regulator
logo
Toshiba Semiconductor
TCR3DG TOSHIBA-TCR3DG Datasheet
666Kb / 15P
   300 mA CMOS Low Drop-Out Regulator with inrush current protection circuit
2016-03-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com