Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR6DA1833U Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCR6DA1833U
Description  200 mA Dual Outputs CMOS Low-Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR6DA1833U Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCR6DA1833U Datasheet HTML 1Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 2Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 3Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 4Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 5Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 6Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 7Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 8Page - Toshiba Semiconductor TCR6DA1833U Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TCR6DA series
2011-02-03
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TCR6DA series
200 mA Dual Outputs CMOS Low-Dropout Regulator
The TCR6DA series are CMOS general-purpose dual-outputs
voltage regulators with independent on/off control inputs, featuring
low dropout voltage and low quiescent bias current. The TCR6DA
series can be enabled and disabled via the CONTROL pin for each
LDOs.
These voltage regulators are available in fixed output voltages
between 1.5 V and 3.3 V in 0.1-V steps and capable of driving up to
200 mA. They feature overcurrent protection.
The TCR6DA series are offered in the compact SM6 (SOT-26)
(SC-74) and small package UF6 and allow the use of small ceramic
input and output capacitors. Thus, these devices are ideal for
portable applications that require high-density board assembly such
as cellular phones.
Features
Low quiescent bias current
( IB(ON) = 60 μA (typ.)at IOUT (A) and IOUT (B) = 0 mA )
Low stand-by current ( IB(OFF) = 0.1 μA (typ.) at stand-by mode )
Low dropout voltage
( VIN - VOUT = 200 mV (max.) for 3.3V output, IOUT = 50 mA )
High output current ( IOUT = 200 mA (max) )
High ripple rejection ( R.R. = 75 dB (typ.) at IOUT = 10 mA, f =1kHz )
Control voltage can be allowed from -0.3 to 6V regardless of VIN voltage
Overcurrent protection
Ceramic capacitors can be used ( CIN = 1.0μF, COUT =1.0 μF )
SM6(SOT-26) (SC-74) and small package UF6 (2.0 mm x 2.1 mm x 0.7 mm)
Pin Assignment (top view)
SM6(SOT-26) (SC-74)
UF6
SM6
UF6
Weight
SM6(SOT-26)(SC-74): 15 mg (typ.)
UF6
: 7 mg (typ.)
VOUT(A)
CONTROL(B)
VIN
VOUT(B)
CONTROL(A)
1
3
2
4
6
5
GND
5
6
4
1
2
3
CONTROL(A)
VIN
CONTROL(B)
VOUT(A)
VOUT(B)
GND


Similar Part No. - TCR6DA1833U

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
TCR-4-48G BEL-TCR-4-48G Datasheet
799Kb / 5P
   Compatible with all TCP3500 PSU models
logo
MORNSUN Science& Techno...
TCR03PI MORNSUN-TCR03PI Datasheet
456Kb / 3P
   Thermocouple Temperature Signal Input Alarms
logo
QuWireless
TCR100 QUWIRELESS-TCR100 Datasheet
3Mb / 6P
   INTEGRATED MULTI-BAND LTE OMNI ANTENNA PLACE TO INSTALL Teltonika TCR100 (ALL-IN-ONE)
2.07
logo
Toshiba Semiconductor
TCR13AGADJ TOSHIBA-TCR13AGADJ Datasheet
537Kb / 21P
   1.3 A CMOS Ultra Low Dropout Regulator
TCR15AG TOSHIBA-TCR15AG Datasheet
404Kb / 13P
   1.5 A CMOS Ultra Low Dropout, Ultra High ripple rejection ratio Regulator
2017-11-08
More results

Similar Description - TCR6DA1833U

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR4S12DWBG TOSHIBA-TCR4S12DWBG Datasheet
311Kb / 15P
   200 mA CMOS Low-Dropout Regulator
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3303A AD-ADP3303A_15 Datasheet
139Kb / 8P
   200 mA Low Dropout Linear Regulator
REV. A
logo
Texas Instruments
UCC386 TI-UCC386 Datasheet
116Kb / 8P
[Old version datasheet]   LOW-DROPOUT 200-mA LINEAR REGULATOR
logo
ON Semiconductor
NCP146 ONSEMI-NCP146 Datasheet
73Kb / 6P
   300 mA CMOS Low Dropout Regulator
January, 2016 ??Rev. P0
NCP114 ONSEMI-NCP114 Datasheet
799Kb / 8P
   300 mA CMOS Low Dropout Regulator
March, 2015 ??Rev. 0
NCP115 ONSEMI-NCP115 Datasheet
961Kb / 17P
   300 mA CMOS Low Dropout Regulator
April, 2018 ??Rev. 2
NCP103 ONSEMI-NCP103 Datasheet
677Kb / 15P
   150 mA CMOS Low Dropout Regulator
May, 2015 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com