Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32521E6103 Datasheet(PDF) 2 Page - EPCOS

Part # B32521E6103
Description  Metallized Polyester Film Capacitors (MKT)
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32521E6103 Datasheet(HTML) 2 Page - EPCOS

  B32521E6103 Datasheet HTML 1Page - EPCOS B32521E6103 Datasheet HTML 2Page - EPCOS B32521E6103 Datasheet HTML 3Page - EPCOS B32521E6103 Datasheet HTML 4Page - EPCOS B32521E6103 Datasheet HTML 5Page - EPCOS B32521E6103 Datasheet HTML 6Page - EPCOS B32521E6103 Datasheet HTML 7Page - EPCOS B32521E6103 Datasheet HTML 8Page - EPCOS B32521E6103 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 45 page
background image
Typical applications
Blocking
Coupling, decoupling
Bypassing
RFI for automotive
Climatic
Max. operating temperature: 125
°C
Climatic category (IEC 60068-1): 55/125/56
Construction
Dielectric: polyethylene terephthalate
(polyester, PET)
Stacked-film technology for lead spacing
5 to 15 mm
= code C, D or E in digit 7 of ordering code
Wound capacitor technology for lead
spacing 10 to 37.5 mm
= code N, Q or R in digit 7 of ordering code
Plastic case (UL 94 V-0)
Epoxy resin sealing (UL 94 V-0)
Features
High pulse strength
High contact reliability
Terminals
Parallel wire leads, lead-free tinned
Special lead lengths available on request
Marking
Manufacturer's logo,
rated capacitance (coded), cap. tolerance (code letter),
rated DC voltage, date of manufacture (coded),
coded type ("1") for lead spacing 5 mm,
series and lot number for lead spacing
≥10 mm
Delivery mode
Bulk (untaped)
Taped (Ammo pack or reel)
For notes on taping, refer to chapter "Taping and packing".
Dimensional drawing
Dimensions in mm
Lead spacing
±0.4
Lead diameter
d1
Type
1) 0.5 mm for capacitor width w = 4 mm
5.0
0.5
B32529
7.5
0.5
B32520
10.0
0.61)
B32521
15.0
0.8
B32522
22.5
0.8
B32523
27.5
0.8
B32524
37.5
1.0
B32526
Metallized polyester film capacitors (MKT)
B32520 ... B32529
General purpose (stacked/wound)
Page 2 of 45
Please read Important notes
at the end of this document.


Similar Part No. - B32521E6103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32521E6103 EPCOS-B32521E6103 Datasheet
881Kb / 46P
   Film Capacitors Metallized Polyester Film Capacitors (MKT)
B32521E6103 EPCOS-B32521E6103 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32521E6103M189 EPCOS-B32521E6103M189 Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results

Similar Description - B32521E6103

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32529C1222J EPCOS-B32529C1222J Datasheet
787Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32522C3334K EPCOS-B32522C3334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com