Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMA22A Datasheet(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # TPSMA22A
Description  Surface Mount Automotive Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

TPSMA22A Datasheet(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  TPSMA22A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA22A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd TPSMA22A Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3 of 3
RATINGS AND CHARACTERISTIC CURVES
TPSMA6.8/A
THRU
TPSMA43/A
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
Fig.1 – Peak Pulse Power Rating Curve
0.1
1.0
10
100
0.1
µs
1.0
µs10µs
100
µs
1.0ms
10ms
V(BR), Breakdown Voltage (V)
10
100
1,000
10,000
1
10
100
200
td, Pulse Width, sec.
Fig. 4 – Typical Junction Capacitance
Fig. 2 – Pulse Derating Curve
0
25
50
75
100
0
50
100
150
200
TA, Ambient Temperature (
°C)
TJ = 25
°C
f = 1 MHz
Vsig = 50mVp-p
VR measured
at zero bias
VR measured
at stand-off
voltage, VWM
TA = 25
°C
Non-repetitive pulse
waveform shown in Fig. 3
0.2 x 0.2" (5.0 x 5.0mm)
copper pad areas
200
100
Number of Cycles at 60 Hz
10
50
110
50
5
100
TJ = TJ max
8.3ms single half sine-wave
(JEDEC method)
Fig. 5 – Maximum Non-Repetitive
Peak Forward Surge Current
0
50
100
150
Fig. 3 – Pulse Waveform
TJ = 25
°C
Pulse Width (td)
is defined as the point
where the peak current
decays to 50% of IPPM
tr = 10
µsec.
Peak Value
IPPM
Half Value — IPP
IPPM
2
td
10/1000
µsec. Waveform
as defined by R.E.A.
0
1.0
2.0
3.0
4.0
t — Time (ms)
Surface Mount Automotive Transient Voltage Suppressors
TPSMA6.8/A THRU TPSMA43/A
6.8V-43V 1.0mA-10mA


Similar Part No. - TPSMA22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMA22A VISHAY-TPSMA22A Datasheet
36Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
TPSMA22A VISHAY-TPSMA22A Datasheet
99Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 20-Sep-07
TPSMA22A VISHAY-TPSMA22A Datasheet
100Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors High Temperature Stability and High Reliability Conditions
Revision: 21-Oct-08
TPSMA22A VISHAY-TPSMA22A Datasheet
81Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 09-Feb-11
TPSMA22A VISHAY-TPSMA22A Datasheet
88Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 17-Dec-12
More results

Similar Description - TPSMA22A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SM8S VISHAY-SM8S Datasheet
63Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
04-Jun-04
3KASMC10 VISHAY-3KASMC10_08 Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
SM5A27 VISHAY-SM5A27 Datasheet
104Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 20-Oct-08
SM5S VISHAY-SM5S Datasheet
27Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
06-May-02
SM6S VISHAY-SM6S Datasheet
42Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
01-Aug-02
TPSMB43A VISHAY-TPSMB43A Datasheet
102Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 10-May-07
logo
Shanghai Shunye Electro...
SM5S36A SHUNYE-SM5S36A Datasheet
656Kb / 2P
   Surface Mount Automotive Transient Voltage Suppressors
SM8S10 SY-SM8S10 Datasheet
198Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
SM8S10ACA SUNMATE-SM8S10ACA Datasheet
2Mb / 3P
   SURFACE MOUNT AUTOMOTIVE TRANSIENT VOLTAGE SUPPRESSORS
logo
Shanghai Shunye Electro...
SM8S43 SHUNYE-SM8S43 Datasheet
217Kb / 3P
   Surface Mount Automotive Transient Voltage Suppressors
logo
Vishay Siliconix
TPC43A VISHAY-TPC43A Datasheet
110Kb / 5P
   Surface Mount Automotive Transient Voltage Suppressors
Revision: 04-Aug-08
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com