Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPD4135K Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TPD4135K
Description  TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4135K Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TPD4135K Datasheet HTML 7Page - Toshiba Semiconductor TPD4135K Datasheet HTML 8Page - Toshiba Semiconductor TPD4135K Datasheet HTML 9Page - Toshiba Semiconductor TPD4135K Datasheet HTML 10Page - Toshiba Semiconductor TPD4135K Datasheet HTML 11Page - Toshiba Semiconductor TPD4135K Datasheet HTML 12Page - Toshiba Semiconductor TPD4135K Datasheet HTML 13Page - Toshiba Semiconductor TPD4135K Datasheet HTML 14Page - Toshiba Semiconductor TPD4135K Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
TPD4135K
2010-09-27
11
External Parts
Typical external parts are shown in the following table.
Part
Typical
Purpose
Remarks
C1, C2, C3
25 V/2.2
μF
Bootstrap capacitor
(Note 1)
R1
0.2
Ω ± 1 % (1.5 W)
Current detection
(Note 2)
C4
25 V/10
μF
VCC power supply stability
(Note 3)
C5
25 V
/0.1 μF
VCC for surge absorber
(Note 3)
C6
25 V/1
μF
VREG power supply stability
(Note 3)
C7
25 V/1000 pF
VREG for surge absorber
(Note 3)
R2
5.1 k
Ω
DIAG pull-up resistor
(Note 4)
Note 1: The required bootstrap capacitance value varies according to the motor drive conditions. The capacitor is
biased by VCC and must be sufficiently derated for it.
Note 2: The following formula shows the detection current: IO = VR ÷ R1 (For VR = 0.5 V typ.)
Do not exceed a detection current of 3 A when using this product.
(Please go from the outside in the over current protection.)
Note 3: When using this product, adjustment is required in accordance with the use environment. When mounting,
place as close to the base of this product leads as possible to improve the ripple and noise elimination.
Note 4: The DIAG pin is open drain. If not using the DIAG pin, connect to the GND.
Handling precautions
(1)
Please control the input signal in the state to which the VCC voltage is steady. Both of the order of
the VBB power supply and the VCC power supply are not cared about either.
Note that if the power supply is switched off as described above, this product may be destroyed if
the current regeneration route to the VBB power supply is blocked when the VBB line is
disconnected by a relay or similar while the motor is still running.
(2)
The RS pin connecting the current detection resistor is connected to a comparator in the IC and also
functions as a sensor pin for detecting over current. As a result, over voltage caused by a surge
voltage, for example, may destroy the circuit. Accordingly, be careful of handling the IC or of surge
voltage in its application environment.


Similar Part No. - TPD4135K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
More results

Similar Description - TPD4135K

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPD4105AK TOSHIBA-TPD4105AK Datasheet
170Kb / 14P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4142K TOSHIBA-TPD4142K Datasheet
387Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4146K TOSHIBA-TPD4146K Datasheet
390Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4135AK TOSHIBA-TPD4135AK Datasheet
373Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4102K TOSHIBA-TPD4102K Datasheet
361Kb / 28P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4151K TOSHIBA-TPD4151K Datasheet
981Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4104AK TOSHIBA-TPD4104AK_07 Datasheet
372Kb / 24P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4131K TOSHIBA-TPD4131K Datasheet
380Kb / 25P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4144K TOSHIBA-TPD4144K Datasheet
375Kb / 23P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
TPD4152F TOSHIBA-TPD4152F Datasheet
967Kb / 27P
   TOSHIBA Intelligent Power Device High Voltage Monolithic Silicon Power IC
2016-03-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com